Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMT-080S105STF Datasheet(PDF) 8 Page - Inventronics Inc.

Part # LMT-080S105STF
Description  80W Non-isolated IP20 Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LMT-080S105STF Datasheet(HTML) 8 Page - Inventronics Inc.

Back Button LMT-080S105STF Datasheet HTML 3Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 4Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 5Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 6Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 7Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 8Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 9Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 10Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 11Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 / 11
Specifications are subject to changes without notice.
80W Non-isolated IP20 Driver
LMT-080SxxxSTF
Rev. A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Output Current vs. Resistor Setting (Iset)
 LMT-080S050STF
Resistor Setting
(Iset)
Output Current
Output Voltage Range
Notes
Typ.
Typ.
Min.
Max.
/
10.00 k
Ω
500mA
96V
160V
Output Current Setting with
Constant Power.
10.53 k
Ω
475mA
96V
168V
11.11 k
Ω
450mA
96V
178V
11.76 k
Ω
425mA
96V
188V
12.50 k
Ω
400mA
100V
200V
13.33 k
Ω
375mA
107V
213V
14.29 k
Ω
350mA
115V
229V
15.38 k
Ω
325mA
124V
229V
Output Current Setting with
Power Derating.
16.67 k
Ω
300mA
134V
229V
18.18 k
Ω
275mA
146V
229V
20.00 k
Ω
250mA
160V
229V
 LMT-080S070STF
Resistor Setting
(Iset)
Output Current
Output Voltage Range
Notes
Typ.
Typ.
Min.
Max.
/
7.14 k
Ω
700mA
68V
114V
Output Current Setting with
Constant Power.
7.58 k
Ω
660mA
68V
121V
8.06 k
Ω
620mA
68V
129V
8.62 k
Ω
580mA
69V
138V
9.26 k
Ω
540mA
74V
148V
10.00 k
Ω
500mA
80V
160V
10.87 k
Ω
460mA
87V
160V
Output Current Setting with
Power Derating.
11.90 k
Ω
420mA
96V
160V
13.16 k
Ω
380mA
106V
160V
14.71 k
Ω
340mA
118V
160V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com