Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LUC-024S070DSP Datasheet(PDF) 11 Page - Inventronics Inc.

Part # LUC-024S070DSP
Description  24W Constant Current IP20 Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LUC-024S070DSP Datasheet(HTML) 11 Page - Inventronics Inc.

Back Button LUC-024S070DSP Datasheet HTML 3Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 4Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 5Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 6Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 7Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 8Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 9Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 10Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 11Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11 / 11
Specifications are subject to changes without notice.
All specifications are typical at 25°C unless otherwise stated.
24W Constant Current IP20 Driver
LUC-024SxxxDSP(SSP)
Rev. J
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Revision History (Continued)
Change
Date
Rev.
Description of Change
Item
From
To
2017-07-07
G
Turn-on Delay Time at 120Vac
Max.=1.0 s
Max.=0.75 s
Turn-on Delay Time at 220Vac
Max.=0.8 s
Max.=0.6 s
Net Weight
190 g
200 g
Note of EMI Standard
/
Added
2021-03-26
H
EAC logo
/
Added
Double insulation logo
/
Added
Models - Notes: (6) For double insulation models add suffix
00K0.
/
Added
Note of Output Specifications and General Specifications
/
Updated
Humidity
/
Updated
Safety & EMC Compliance - Safety Category - TUV & EAC /
Added
Dimming
/
Updated
Mechanical Outline - LUC-024SxxxDSP00K0 & LUC-
024SxxxSSP00K0
/
Added
RoHS Compliance
/
Updated
2022-02-25
I
Product Photograph
/
Updated
Safety & EMC Compliance
/
Updated
Mechanical Outline
/
Updated
2023-05-24
J
PSE logo
/
Deleted
Safety & EMC Compliance
/
Updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com