Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B5017 Datasheet(PDF) 3 Page - EPCOS

Part # B5017
Description  Low-Loss Filter for WCDMA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5017 Datasheet(HTML) 3 Page - EPCOS

  B5017 Datasheet HTML 1Page - EPCOS B5017 Datasheet HTML 2Page - EPCOS B5017 Datasheet HTML 3Page - EPCOS B5017 Datasheet HTML 4Page - EPCOS B5017 Datasheet HTML 5Page - EPCOS B5017 Datasheet HTML 6Page - EPCOS B5017 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Dec 09, 2005
B5017
168.5 MHz
SAW Components
Low-Loss Filter for WCDMA
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–20 ˚C ... +80 ˚C
Terminating source impedance:
ZS =50 Ω and matching circuit
Terminating load impedance:
ZL =50 Ω and matching circuit
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
168.5
—
MHz
Minimum insertion attenuation
α
min
—
8.3
9.5
dB
Pass bandwidth
B1.0dB
α
rel ≤1.0 dB
—
23
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 10.0 MHz
—
0.6
1.0
dB
Group delay ripple (p-p)
∆τ
fN ± 10.0 MHz
—
40
80
ns
Mean value of absolute group delay
τ
fN ± 10.0 MHz
398
408
418
ns
Relative attenuation (relative to
α
min)
α
rel
1.0
...
100.0 MHz
40
50
—
dB
100.0
...
149.0 MHz
33
40
—
dB
190.0
...
250.0 MHz
33
36
—
dB
250.0
...
310.0 MHz
40
60
—
dB
310.0
...
410.0 MHz
50
60
—
dB
410.0
... 1000.0 MHz
40
70
—
dB
Temperature coefficient of frequency
TCf
—
–87
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com