Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA3200DIA3AP Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # ADA3200DIA3AP
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIA3AP Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button ADA3200DIA3AP Datasheet HTML 3Page - Advanced Micro Devices ADA3200DIA3AP Datasheet HTML 4Page - Advanced Micro Devices ADA3200DIA3AP Datasheet HTML 5Page - Advanced Micro Devices ADA3200DIA3AP Datasheet HTML 6Page - Advanced Micro Devices ADA3200DIA3AP Datasheet HTML 7Page - Advanced Micro Devices ADA3200DIA3AP Datasheet HTML 8Page - Advanced Micro Devices ADA3200DIA3AP Datasheet HTML 9Page - Advanced Micro Devices ADA3200DIA3AP Datasheet HTML 10Page - Advanced Micro Devices ADA3200DIA3AP Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
7
Table 1: Revision History
Date
Revision
Description
March 2006
3.51
Added three AMD Turion™ 64 Mobile Technology OPNS: TMSMT32BQX4LD,
TMSMT34BQX5LD, and TMSMT37BQX5LD.
March 2006
3.47
Added OPNs across all processor brands. Added new Section 5
AMD Athlon™ 64 X2 Dual Core Processor. Added new Section 6 MTOPS.
October 2004
3.43
Added OPN for model 4000+ desktop
October 2004
3.41
Added FX-55 OPN. Added desktop OPNs for models 3000+, 3200+, and 3500+.
Documented TCONTROL max parameter for all OPNs. Removed chapters 3, 4, and 6.
August 2004
3.37
Added AMD Sempron™ Processor and Mobile AMD Sempron™ Processor chapters.
Removed model 3100+ 62W OPN. Added DTR Model 3700+ OPN.
July 2004
3.29
Added model 3400+ 62W mobile OPN.
June 2004
3.25
Added rev CG 89W model 3500+, 3700+, and 3800+ OPNs. Added FX-53 939 pin
package OPN. Added one decimal precision to some IDD numbers. Updated
document references.
May 2004
3.21
Added rev CG 35W models 2700+ and 2800+.
April 2004
3.19
Removed rev CG 35W OPN.
April 2004
3.17
Corrected model number formatting for DTR OPNs.
March 2004
3.15
Added rev CG 35W model 2700+ OPN.
March 2004
3.13
Added rev CG model 2800+, 3000+, and 3200+ 89W OPNs. Added FX-53 940 pin
package OPN. Corrected note for C3 state on all Power/Thermal Specification tables.
Added package drawing references for lidless parts in OPN decode section.
January 2004
3.11
Added rev CG entries for existing rev C0 parts. Corrected Max FID code for model
3200+ 62W mobile OPN. Updated FX-51 Halt/Stop Grant power number. Revised
IDD Max and TDP for Intermediate P-state #2 for 754 pin lidless package Rev C0
DTR Model 3200+.
January 2004
3.07
Added model 3400+ DT and DTR parts. Added model 2800+, 3000+, and 3200+ 62W
Mobile parts.
December 2003
3.06
Added model 3000+ desktop part.
November 2003
3.05
General clean up. Updated S3 I/O power for non-FX parts. Fixed mobile OPN
example. Added thermal resistance specifications for all OPNs.
September 2003
3.02
Changed min P-state information to N/A in Table 8, and removed unreleased entries
from Table 4 and Table 14.
September 2003
3.00
Initial public release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com