Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G04DBVR Datasheet(PDF) 5 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SN74LVC2G04DBVR
Description  Designed for 1.65V to 5.5V V CC Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC2G04DBVR Datasheet(HTML) 5 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SN74LVC2G04DBVR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G04DBVR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G04DBVR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G04DBVR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G04DBVR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G04DBVR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G04DBVR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G04DBVR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G04DBVR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AC ELECTRICAL CHARACTERISTICS
tr=tf= 2.5ns
Symbol
Parameter
Condition
VCC(V)
TA = 25 ℃
−40℃ ≤TA≤85℃
Unit
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation
Delay
(Figure3and4)
RL= 1MΩ CL= 15 pF
1.65
2.0
10.1
12.9
2.0
13.9
ns
1.8
2.0
9.1
11.6
2.0
12.4
RL= 1MΩ CL= 15 pF
2.5
0.2
6.0
7.7
0.8
8.2
RL= 1MΩ CL= 15 pF
3.3
0.8
5.0
6.5
0.5
7.0
RL= 500Ω CL =50 pF
1.2
5.6
7.1
1.5
7.6
RL= 1MΩ CL= 15 pF
5.0
0.5
4.4
5.6
0.5
6.1
RL= 500Ω CL=50 pF
0.8
4.8
6.1
0.8
6.6
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC= 5.5 V,VI = 0 V or VCC
>2.5
pF
CPD
Power Dissipation Capacitance
(Note 6)
10MHz,VCC = 3.3 V, VI = 0 V or VCC
10MHz, VCC = 5.5 V, VI = 0 V or VCC
4
4
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current
consumption without load. Average operating current can be obtained by the equation:
ICC(OPR)=CPD*VCC*fin+ICC*CPD is used to determine the no−load dynamic power consumption;
PD=CPD*VCC2*fin+ICC*VCC*Fig.
UMW R
SN74LVC2G04
www.umw-ic.com
5
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com