Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29DS32XG Datasheet(PDF) 8 Page - SPANSION

Part # AM29DS32XG
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29DS32XG Datasheet(HTML) 8 Page - SPANSION

Back Button AM29DS32XG Datasheet HTML 4Page - SPANSION AM29DS32XG Datasheet HTML 5Page - SPANSION AM29DS32XG Datasheet HTML 6Page - SPANSION AM29DS32XG Datasheet HTML 7Page - SPANSION AM29DS32XG Datasheet HTML 8Page - SPANSION AM29DS32XG Datasheet HTML 9Page - SPANSION AM29DS32XG Datasheet HTML 10Page - SPANSION AM29DS32XG Datasheet HTML 11Page - SPANSION AM29DS32XG Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
May 15, 2002
Am29DS32xG
7
ADV ANC E
INFO RMAT ION
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Am29DS32xG
T
70
E
I
OPTIONAL PROCESSING
Blank =
Standard Processing
N
=
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package
(TSOP) Standard Pinout (TS 048)
WM
=
48-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 6 x 12 mm package (FBD048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29DS32xG
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS Flash Memory
1.8 Volt-only Read, Program, and Erase
Valid Combinations for TSOP Packages
AM29DS322GT70,
AM29DS322GB70
EI, EIN
EE, EEN
AM29DS323GT70,
AM29DS323GB70
AM29DS324GT70,
AM29DS324GB70
AM29DS322GT90,
AM29DS322GB90
AM29DS323GT90,
AM29DS323GB90
AM29DS324GT90R,
AM29DS324GB90R
AM29DS322GT120,
AM29DS322GB120
AM29DS323GT120,
AM29DS323GB120
AM29DS324GT120,
AM29DS324GB120
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29DS322GT70,
AM29DS322GB70
WMI,
WMIN
S322GT70U
S322GB70U
I
AM29DS323GT70,
AM29DS323GB70
S323GT70U
S323GB70U
AM29DS324GT70,
AM29DS324GB70
S324GT70U
S324GB70U
AM29DS322GT90,
AM29DS322GB90
S322GT90U
S322GB90U
AM29DS323GT90,
AM29DS323GB90
S323GT90U
S323GB90U
AM29DS324GT90,
AM29DS324GB90
S324GT90U
S324GB90U
AM29DS322GT120,
AM29DS322GB120
S322GT12U
S322GB12U
AM29DS323GT120,
AM29DS323GB120
S323GT12U
S323GB12U
AM29DS324GT120,
AM29DS324GB120
S324GT12U
S324GB12U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com