Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA3200DIK5AP Datasheet(PDF) 90 Page - Advanced Micro Devices

Part # ADA3200DIK5AP
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIK5AP Datasheet(HTML) 90 Page - Advanced Micro Devices

Back Button ADA3200DIK5AP Datasheet HTML 86Page - Advanced Micro Devices ADA3200DIK5AP Datasheet HTML 87Page - Advanced Micro Devices ADA3200DIK5AP Datasheet HTML 88Page - Advanced Micro Devices ADA3200DIK5AP Datasheet HTML 89Page - Advanced Micro Devices ADA3200DIK5AP Datasheet HTML 90Page - Advanced Micro Devices ADA3200DIK5AP Datasheet HTML 91Page - Advanced Micro Devices ADA3200DIK5AP Datasheet HTML 92Page - Advanced Micro Devices ADA3200DIK5AP Datasheet HTML 93Page - Advanced Micro Devices ADA3200DIK5AP Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
90
AMD Athlon™ 64 X2 Dual Core Processor
1
CPUID extended function 8000_0001h fields are used by BIOS in uniquely associating a given processor to the P-
states that are valid for that processor. Refer to the BIOS and Kernel Developer’s Guide for AMD Athlon™ 64
and AM D Opteron™ Processors, order# 26094.
2
FIDVID Status Register, M SR C001_0042h.
3
The VID_VDD voltage is the VID[4:0] requested VDD supply level. Refer to the appropriate functional data
sheet for details.
4
Thermal Design Power (TDP) is measured under the conditions of Tcase M ax, IDD Max, and VDD=VID_VDD,
and include all power dissipated on-die from VDD, VDDIO, VLDT, VTT, and VDDA.
5
Implementation of this P-state is optional in BIOS.
6
StartVID and M axVID are programmed during device manufacturing with part-specific values for Rev E and later
processors, and can have one or more valid options. All valid options for StartVID, M axVID, and VID_VDD will
be specified for the corresponding OPN. For information on the relationship of StartVID and MaxVID to
VID_VDD refer to the BIOS and Kernel Developer’s Guide for AMD Athlon™ 64 and AMD Opteron™
Processors, order# 26094. Contact your FAE for more info on TDP specifications.
7
Thermal Design Power (TDP) specifications for dual core processors assume equivalent P-states (Voltage and
frequency) and equivalent Tcase conditions for both cores. Refer to the BIOS and Kernel Developer’s Guide for
AM D Athlon™ 64 and AM D Opteron™ Processors, order# 26094, for details on P-state operation for dual core
processors.
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com