Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29SL800DB100WAD Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29SL800DB100WAD
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB100WAD Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29SL800DB100WAD Datasheet HTML 5Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 6Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 7Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 8Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 9Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 10Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 11Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 12Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
D A TA
SH EE T
January 23, 2007 27546A6
Am29SL800D
7
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Am29SL800D
T
-100
E
C
TEMPERATURE RANGE
C
=
Commercial (0°C to +70°C)
D
=
Commercial (0°C to +70°C) with Pb-free package
I
=
Industrial (–40
°C to +85°C)
F
=
Industrial (–40
°C to +85°C) with Pb-free package
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 048)
VU
=
48-ball Fine-Pitch Ball Grid Array (FBGA)
0.80mm pitch, 8.15 x 6.15 mm package (VBK048)
WA
=
48-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 8.15 x 6.15 mm package (FBA048)
WC
=
48-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 9 x 8 mm package (FBC048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top Sector
B
=
Bottom Sector
DEVICE NUMBER/DESCRIPTION
Am29SL800D
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS Flash Memory
1.8 Volt-only Read, Program, and Erase
Valid Combinations for TSOP Packages
AM29SL800DT90,
AM29SL800DB90
EC, EI, ED, EF
AM29SL800DT100,
AM29SL800DB100
AM29SL800DT120,
AM29SL800DB120
AM29SL800DT150,
AM29SL800DB150
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29SL800DT90,
AM29SL800DB90
WAC, WAD
WAI, WAF
A800DT90U,
A800DB90U
C, I,
D, F
WCC, WCD,
WCI, WCF
A800DT90P,
A800DB90P
AM29SL800DT100,
AM29SL800DB100
WAC, WAD
WAI, WAF
A800DT10U,
A800DB10U
WCC, WCD,
WCI, WCF
A800DT10P,
A800DB10P
AM29SL800DT120,
AM29SL800DB120
WAC, WAD
WAI, WAF
A800DT12U,
A800DB12U
WCC, WCD,
WCI, WCF
A800DT12P,
A800DB12P
AM29SL800DT150,
AM29SL800DB150
WAC, WAD
WAI, WAF
A800DT15U,
A800DB15U
WCC, WCD,
WCI, WCF
A800DT15P,
A800DB15P
Am29SL800DT120
VUF
A800DT12V
A800DB12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com