Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3250 Datasheet(PDF) 19 Page - SMSC Corporation

Part # USB3250
Description  USB2.0 PHY IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3250 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button USB3250 Datasheet HTML 15Page - SMSC Corporation USB3250 Datasheet HTML 16Page - SMSC Corporation USB3250 Datasheet HTML 17Page - SMSC Corporation USB3250 Datasheet HTML 18Page - SMSC Corporation USB3250 Datasheet HTML 19Page - SMSC Corporation USB3250 Datasheet HTML 20Page - SMSC Corporation USB3250 Datasheet HTML 21Page - SMSC Corporation USB3250 Datasheet HTML 22Page - SMSC Corporation USB3250 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
USB2.0 PHY IC
Datasheet
SMSC GT3200, SMSC USB3250
19
Revision 1.5 (03-24-06)
DATASHEET
6.2
High-speed Signaling Eye Patterns
High-speed USB signals are characterized using eye patterns. For measuring the eye patterns 4
points have been defined (see Figure 6.3). The Universal Serial Bus Specification Rev.2.0 defines the
eye patterns in several 'templates'. The two templates that are relevant to the PHY are shown below.
Figure 6.2 Full-Speed Driver VOL/IOL Characteristics for High-speed Capable Transceiver
Vout (Volts)
VOH
0
0
Drive Low
Iout
(mA)
22
1.09V
0.434*VOH
Test Limit
Slope = 1/40.5 Ohm
Slope = 1/49.5 Ohm
10.71 * |VOH|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com