Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3300 Datasheet(PDF) 45 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button USB3300_06 Datasheet HTML 41Page - SMSC Corporation USB3300_06 Datasheet HTML 42Page - SMSC Corporation USB3300_06 Datasheet HTML 43Page - SMSC Corporation USB3300_06 Datasheet HTML 44Page - SMSC Corporation USB3300_06 Datasheet HTML 45Page - SMSC Corporation USB3300_06 Datasheet HTML 46Page - SMSC Corporation USB3300_06 Datasheet HTML 47Page - SMSC Corporation USB3300_06 Datasheet HTML 48Page - SMSC Corporation USB3300_06 Datasheet HTML 49Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
45
Revision 1.06 (07-19-06)
DATASHEET
Note 6.1
SMSC does not recommend using the ExternalVbus signal qualified with the internal
VbusVld comparator.
Note 6.2
A peripheral should not use VbusVld to begin operation. The peripheral should use
SessVld because the internal VbusVld threshold can be above the Vbus voltage required
for USB peripheral operation.
A host PHY may use an active high or low fault by setting the IndicatorComplement bit [5] in the
Interface Control register. Also this implementation supports the IndicatorPassThru bit [6] in the
Interface Control register, which allows a choice of having the External Vbus input qualified (and’ed)
with the external vbus comparator o u tput . To use the External Vb us Input the
UseExternalVbusIndicator
bit [7] must be set in the OTG control register. The default is not to use this
input.
The EXTVBUS pin has a built in pull down resistor that is controlled by the UseExternalVbusIndicator
bit [7] of the OTG control register. When UseExternalVbusIndicator is set to 0 (default) the pull down
resistor is activated to prevent the pin from floating when it is unused. When UseExternalVbusIndicator
is set to 1 the pull down resistor is disconnected.
Standard Host
1
1
0
External active high power fault signal
1
1
1
External active low power fault signal
Standard
Peripheral
0
X
X
Internal VbusVld comparator. This should
not be used by the Link. (Note 6.2)
Table 6.10 External Vbus Indicator Logic (continued)
TYPICAL
APPLICATION
USE
EXTERNAL
VBUS
INDICATOR
INDICATOR
PASS THRU
INDICATOR
COMPLEMENT
RXCMD VBUS VALID
ENCODING SOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com