Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COM20022I-HT Datasheet(PDF) 57 Page - SMSC Corporation

Part # COM20022I-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 57 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 53Page - SMSC Corporation COM20022I-HT Datasheet HTML 54Page - SMSC Corporation COM20022I-HT Datasheet HTML 55Page - SMSC Corporation COM20022I-HT Datasheet HTML 56Page - SMSC Corporation COM20022I-HT Datasheet HTML 57Page - SMSC Corporation COM20022I-HT Datasheet HTML 58Page - SMSC Corporation COM20022I-HT Datasheet HTML 59Page - SMSC Corporation COM20022I-HT Datasheet HTML 60Page - SMSC Corporation COM20022I-HT Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 57
Revision 02-27-06
DATASHEET
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
COMMENT
Low to High Threshold
Input Voltage
(A2, nRESET, nRD, nWR,
nREFEX and RXIN)
High to Low Threshold
Input Voltage
(A2, nRESET, nRD, nWR,
nREFEX and RXIN)
VILH
VIHL
1.8
1.2
V
V
Schmitt Trigger,
All Values at VDD =
5V
Low Output Voltage 1
(nPULSE1 in Push/Pull
Mode, nPULSE2,
nTXEN, DREQ, nIOCS16)
High Output Voltage 1
(nPULSE1 in Push/Pull
Mode, nPULSE2,
nTXEN, DREQ, nIOCS16)
VOL1
VOH1
VOH1C
2.4
0.8 x VDD
0.4
V
V
ISINK=4mA
ISOURCE=-2mA
ISOURCE=-200µA
(except DREQ,
nIOCS16)
Low Output Voltage 2
(D0-D15)
High Output Voltage 2
(D0-D15)
VOL2
VOH2
2.4
0.4
V
V
ISINK=16mA
ISOURCE=-12mA
Low Output Voltage 3
(nINTR)
High Output Voltage 3
(nINTR)
VOL3
VOH3
2.4
0.8
V
V
ISINK=24mA
ISOURCE=-10mA
Low Output Voltage 4
(nPULSE1 in Open-Drain
Mode)
VOL4
0.5
V
ISINK=48mA
Open Drain Driver
Dynamic VDD Supply
Current
IDD1
IDD2
45
65
mA
mA
5 Mbps
10 Mbps
All Outputs Open
Input Pull-up Current
(nPULSE1 in Open-Drain
Mode, A1, AD0-AD2,
D3-D15, nREFEX, (nDACK
and TC in BUSTMG = H))
Input Leakage Current
(All inputs except A1,
AD0-AD2, D3-D15,
XTAL1, XTAL2, nREFEX,
(nDACK and TC in BUSTMG =
H))
IP
IL
80
200
±10
μA
μA
VIN=0.0V
VSS < VIN < VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com