Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COM20022I3V-HT Datasheet(PDF) 39 Page - SMSC Corporation

Part # COM20022I3V-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I3V-HT Datasheet(HTML) 39 Page - SMSC Corporation

Back Button COM20022I3V-HT Datasheet HTML 35Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 36Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 37Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 38Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 39Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 40Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 41Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 42Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
Datasheet
SMSC COM20022I 3.3V Rev.C
Page 39
Revision 03-08-07
DATASHEET
Figure 6.1 -
Sequential Access Operation
6.3
Internal RAM
The integration of the 2K x 8 RAM in the COM20022I 3V represents significant real estate savings. The
most obvious benefit is the 48 pin package in which the device is now placed (a direct result of the
integration of RAM). In addition, the PC board is now free of the cumbersome external RAM, external
latch, and multiplexed address/data bus and control functions which were necessary to interface to the
RAM. The integration of RAM represents significant cost savings because it isolates the system designer
from the changing costs of external RAM and it minimizes reliability problems, assembly time and costs,
and layout complexity.
6.3.1
Sequential Access Memory
The internal RAM is accessed via a pointer-based scheme. Rather than interfering with system memory,
the internal RAM is indirectly accessed through the Address High and Low Pointer Registers. The data is
channeled to and from the microcontroller via the 8-bit data register. For example: a packet in the internal
RAM buffer is read by the microcontroller by writing the corresponding address into the Address Pointer
High and Low Registers (offsets 02H and 03H).
Note that the High Register should be written first,
followed by the Low Register, because writing to the Low Register loads the address. At this point the
device accesses that location and places the corresponding data into the data register.
The
microcontroller then reads the data register (offset 04H) to obtain the data at the specified location. If the
Auto Increment bit is set to logic "1", the device will automatically increment the address and place the
Address Pointer Register
Low
2K x 8
RAM
11
Data Register
8
I/O Address 04H
I/O Address 03H
11-Bit Counter
Memory
Address Bus
Memory
Data Bus
D0-D7
High
I/O Address 02H
INTERNAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com