Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA3200DIA3BN Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # ADA3200DIA3BN
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIA3BN Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button ADA3200DIA3BN Datasheet HTML 4Page - Advanced Micro Devices ADA3200DIA3BN Datasheet HTML 5Page - Advanced Micro Devices ADA3200DIA3BN Datasheet HTML 6Page - Advanced Micro Devices ADA3200DIA3BN Datasheet HTML 7Page - Advanced Micro Devices ADA3200DIA3BN Datasheet HTML 8Page - Advanced Micro Devices ADA3200DIA3BN Datasheet HTML 9Page - Advanced Micro Devices ADA3200DIA3BN Datasheet HTML 10Page - Advanced Micro Devices ADA3200DIA3BN Datasheet HTML 11Page - Advanced Micro Devices ADA3200DIA3BN Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
8
AMD Athlon™ 64 Processor
1 AMD Athlon™ 64 Processor
The following sections contain thermal/power and related BIOS specifications for AMD Athlon™ 64
processors. Each column in the BIOS and thermal/power tables represents a specific Ordering Part
Number (OPN). Section 1.1 provides an example of the OPN structure for this processor family.
For all other electrical specifications for the processor, refer to the AMD Athlon™ 64 Product Data
Sheet, order #24659. For power management BIOS requirements, refer to the BIOS and Kernel
Developer’s Guide for AMD Athlon™ 64 Processors and AMD Opteron™ Processors, order #26094.
1.1 Ordering Part Number Description
Figure 1. AMD Athlon™ 64 Processor Ordering Part Number Example
Table 2: AMD Athlon™ 64 Processor Part Definition Options
Part
Definition
Revision
Package
Drawing
AP
Rev C0
Lidded
AR
Rev CG
Lidded
AS
Rev CG
D1
AW
Rev CG
D1
AX
Rev CG
Lidded
BI
Rev D0
D1
BN
Rev E4
D1
BP
Rev E3
D2
BW
Rev E6
D2
Part Definition: AP= Rev C0 (see Table 2)
L2 Cache Size: 5= 1 Megabyte (see Table 3)
Case Temperature: P= 70oC (see Table 4)
Operating Voltage: E= 1.50 V (see Table 5)
Package: A= 754 pin lidded O
μPGA (see Table 6)
Model Number: 3200: see Table 7
Brand: AMD Athlon™ 64 Desktop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com