Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29F040C Datasheet(PDF) 15 Page - SPANSION

Part # MBM29F040C
Description  FLASH MEMORY 4M (512K x 8) BIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F040C Datasheet(HTML) 15 Page - SPANSION

Back Button MBM29F040C Datasheet HTML 11Page - SPANSION MBM29F040C Datasheet HTML 12Page - SPANSION MBM29F040C Datasheet HTML 13Page - SPANSION MBM29F040C Datasheet HTML 14Page - SPANSION MBM29F040C Datasheet HTML 15Page - SPANSION MBM29F040C Datasheet HTML 16Page - SPANSION MBM29F040C Datasheet HTML 17Page - SPANSION MBM29F040C Datasheet HTML 18Page - SPANSION MBM29F040C Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
14
MBM29F040C-55/-70/-90
Erase Suspend
The Erase Suspend command allows the user to interrupt a Sector Erase operation and then perform data reads
from or programs to a sector not being erased. This command is applicable ONLY during the Sector Erase
operation which include the time-out period for sector erase. The Erase Suspend command will be ignored if
written during the Chip Erase operation or Embedded Program Algorithm. Writting the Erase Suspend command
during the Sector Erase time-out results in immediate termination of the time-out period and suspension of the
erase operation.
Any other command written during the Erase Suspend mode will be ignored except the Erase Resume command.
Writing the Erase Resume command resumes the erase operation. The addresses are “DON’T CARES” when
writing the Erase Suspend or Erase Resume command.
When the Erase Suspend command is written during the Sector Erase operation, the device will take a maximum
of 10
µs to suspend the erase operation. When the devices have entered the erase-suspended mode, the DQ7
bit will be at logic “1”, and DQ6 will stop toggling. The user must use the address of the erasing sector for reading
DQ6 and DQ7 to determine if the erase operation has been suspended. Further writes of the Erase Suspend
command are ignored.
When the erase operation has been suspended, the devices default to the erase-suspend-read mode. Reading
data in this mode is the same as reading from the standard read mode except that the data must be read from
sectors that have not been erase-suspended. Successively reading from the erase-suspended sector while the
device is in the erase-suspend-read mode will cause DQ2 to toggle. (See the section on DQ2.)
After entering the erase-suspend-read mode, the user can program the device by writing the appropriate
command sequence for Program. This Program mode is known as the erase-suspend-program mode. Again,
programming in this mode is the same as programming in the regular Program mode except that the data must
be programmed to sectors that are not erase-suspended. Successively reading from the erase-suspended sector
while the devices are in the erase-suspend-program mode will cause DQ2 to toggle. The end of the erase-
suspended Program operation is detected by Data polling of DQ7, or by the Toggle Bit I (DQ6) which is the same
as the regular Program operation. Note that DQ7 must be read from the Program address while DQ6 can be read
from any address.
To resume the operation of Sector Erase, the Resume command (30H) should be written. Any further writes of
the Resume command at this point will be ignored. Another Erase Suspend command can be written after the
chip has resumed erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com