Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29F080A-55 Datasheet(PDF) 21 Page - SPANSION

Part # MBM29F080A-55
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A-55 Datasheet(HTML) 21 Page - SPANSION

Back Button MBM29F080A-55 Datasheet HTML 17Page - SPANSION MBM29F080A-55 Datasheet HTML 18Page - SPANSION MBM29F080A-55 Datasheet HTML 19Page - SPANSION MBM29F080A-55 Datasheet HTML 20Page - SPANSION MBM29F080A-55 Datasheet HTML 21Page - SPANSION MBM29F080A-55 Datasheet HTML 22Page - SPANSION MBM29F080A-55 Datasheet HTML 23Page - SPANSION MBM29F080A-55 Datasheet HTML 24Page - SPANSION MBM29F080A-55 Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
MBM29F080A-55/-70/-90
20
s
s
s
s ABSOLUTE MAXIMUM RATINGS
*1 : Voltage is defined on the basis of VSS
= GND = 0 V.
*2 : Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions, input or I/O pins may underhoot
VSS to –2.0 V for periods of up to 20 ns. Maximum DC voltage on output and I/O pins is VCC +0.5 V. During voltage
transitions, input or I/O pins may overshoot to VCC +2.0 V for periods up to 20 ns.
*3 : Minimum DC input voltage on A9, OE, and RESET pins are –0.5 V. During voltage transitions, A9, OE, and
RESET pins may undershoot VSS to –2.0 V for periods of up to 20 ns. Voltage difference between input and
power supply (VIN – VCC) does not exceed
+9.0 V. Maximum DC input voltage on A9, OE, and RESET are
+13.0 V which may overshoot to
+14.0 V for periods up to 20 ns.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s
s
s
s RECOMMENDED OPERATING CONDITIONS
* : Voltage is defined on the basis of VSS
= GND = 0 V.
Note : Operating ranges define those limits between which the functionality of the device is guaranteed.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Storage Temperature
Tstg
−55
+125
°C
Ambient Temperature with Power Applied
TA
−40
+85
°C
Voltage with Respect to Ground All pins except
A9, OE, and RESET *1, *2
VIN, VOUT
−2.0
+7.0
V
Power Supply Voltage *1, *3
VCC
−2.0
+7.0
V
A9, OE, and RESET *2
VIN
−2.0
+13.5
V
Parameter
Symbol
Value
Unit
Min
Max
Ambient Temperature
MBM29F080A-55
TA
−20
+70
°C
MBM29F080A-70/-90
−40
+85
°C
VCC Supply Voltages *
MBM29F080A-55
VCC
+4.75
+5.25
V
MBM29F080A-70/-90
+4.50
+5.50
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com