Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P6SMB Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # P6SMB
Description  6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

P6SMB Datasheet(HTML) 2 Page - UN Semiconducctor INC

  P6SMB Datasheet HTML 1Page - UN Semiconducctor INC P6SMB Datasheet HTML 2Page - UN Semiconducctor INC P6SMB Datasheet HTML 3Page - UN Semiconducctor INC P6SMB Datasheet HTML 4Page - UN Semiconducctor INC P6SMB Datasheet HTML 5Page - UN Semiconducctor INC P6SMB Datasheet HTML 6Page - UN Semiconducctor INC P6SMB Datasheet HTML 7Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/6
Surface Mount Transient Voltage Suppressors (TVS)
ROHS
P6SMB Series
6.8 To 600V 600W
Part Number
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
Breakdown
Voltage VBR(V)
@IT
Maximum
Clamping
Voltage VC
@IPP(V)
Maximum
Peak
Pulse
Current
IPP(A)
Maximum
Reverse
Leakage IR
@VRWM
(μA)
Test
Current
IT(mA)
MIN
MAX
Marking
Uni
Bi
5.8
6.4
7.0
7.8
8.6
9.4
10.2
11.1
12.8
13.6
15.3
17.1
18.8
20.5
23.1
25.6
28.2
30.8
33.3
36.8
40.2
43.6
47.8
53.0
58.1
64.1
70.1
77.8
85.5
94.0
102.0
111.0
128.0
136.0
145.0
154.0
171.0
185.0
214.0
256.0
299.3
324.9
342.0
376.2
427.5
444.6
470.3
513.0
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1000
500
200
50
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
10.5
11.3
12.1
13.4
14.5
15.6
16.7
18.2
21.2
22.5
25.2
27.7
30.6
33.2
37.5
41.4
45.7
49.9
53.9
59.3
64.8
70.1
77.0
85.0
92.0
103.0
113.0
125.0
137.0
152.0
165.0
179.0
207.0
219.0
234.0
246.0
274.0
328.0
344.0
414.0
482.0
524.4
552.0
607.2
690.0
717.6
759.0
828.0
6V8A
7V5A
8V2A
9V1A
10A
11A
12A
13A
16A
15A
18A
20A
22A
24A
27A
30A
33A
36A
39A
43A
47A
51A
56A
62A
68A
75A
82A
91A
100A
110A
120A
130A
150A
160A
170A
180A
200A
220A
250A
300A
350A
380A
400A
440A
500A
520A
550A
600A
6V8C
7V5C
8V2C
9V1C
10C
11C
12C
13C
15C
16C
18C
20C
22C
24C
27C
30C
33C
36C
39C
43C
47C
51C
56C
62C
68C
75C
82C
91C
100C
110C
120C
130C
150C
160C
170C
180C
200C
220C
250C
300C
350C
380C
400C
440C
500C
520C
550C
600C
6.46
7.13
7.79
8.65
9.50
10.45
11.40
12.35
14.25
15.20
17.10
19.00
20.90
22.80
25.65
28.50
31.35
34.20
37.05
40.85
44.65
48.45
53.20
58.90
64.60
71.25
77.90
86.45
95.00
104.50
114.00
123.50
142.50
152.00
161.50
171.00
190.00
209.00
237.50
285.00
332.50
361.00
380.00
418.00
475.00
494.00
522.50
570.00
7.14
7.88
8.61
9.56
10.50
11.55
12.60
13.65
15.75
16.80
18.90
21.00
23.10
25.20
28.35
31.50
34.65
37.80
40.95
45.15
49.35
53.55
58.80
65.10
71.40
78.75
86.10
95.55
105.00
115.50
126.00
136.50
157.50
168.00
178.50
189.00
210.00
231.00
262.50
315.00
367.50
399.00
420.00
462.00
525.00
546.00
577.50
630.00
Electrical Characteristics(TA=25℃ unless otherwise noted) (Continue)
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
P6SMB6.8A
P6SMB7.5A
P6SMB8.2A
P6SMB9.1A
P6SMB10A
P6SMB11A
P6SMB12A
P6SMB13A
P6SMB15A
P6SMB16A
P6SMB18A
P6SMB20A
P6SMB22A
P6SMB24A
P6SMB27A
P6SMB30A
P6SMB33A
P6SMB36A
P6SMB39A
P6SMB43A
P6SMB47A
P6SMB51A
P6SMB56A
P6SMB62A
P6SMB68A
P6SMB75A
P6SMB82A
P6SMB91A
P6SMB100A
P6SMB110A
P6SMB120A
P6SMB130A
P6SMB150A
P6SMB160A
P6SMB170A
P6SMB180A
P6SMB200A
P6SMB220A
P6SMB250A
P6SMB300A
P6SMB350A
P6SMB380A
P6SMB400A
P6SMB440A
P6SMB500A
P6SMB520A
P6SMB550A
P6SMB600A
P6SMB6.8CA
P6SMB7.5CA
P6SMB8.2CA
P6SMB9.1CA
P6SMB10CA
P6SMB11CA
P6SMB12CA
P6SMB13CA
P6SMB15CA
P6SMB16CA
P6SMB18CA
P6SMB20CA
P6SMB22CA
P6SMB24CA
P6SMB27CA
P6SMB30CA
P6SMB33CA
P6SMB36CA
P6SMB39CA
P6SMB43CA
P6SMB47CA
P6SMB51CA
P6SMB56CA
P6SMB62CA
P6SMB68CA
P6SMB75CA
P6SMB82CA
P6SMB91CA
P6SMB100CA
P6SMB110CA
P6SMB120CA
P6SMB130CA
P6SMB150CA
P6SMB160CA
P6SMB170CA
P6SMB180CA
P6SMB200CA
P6SMB220CA
P6SMB250CA
P6SMB300CA
P6SMB350CA
P6SMB380CA
P6SMB400CA
P6SMB440CA
P6SMB500CA
P6SMB520CA
P6SMB550CA
P6SMB600CA
57.14
53.10
49.59
44.78
41.38
38.46
35.93
32.97
28.30
26.67
23.81
21.66
19.61
18.07
16.00
14.49
13.13
12.02
11.13
10.12
9.26
8.56
7.79
7.06
6.52
5.83
5.31
4.80
4.38
3.95
3.64
3.35
2.90
2.74
2.56
2.44
2.19
1.83
1.74
1.45
1.24
1.14
1.09
0.99
0.87
0.84
0.79
0.72



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com