Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EUV-052S024ST Datasheet(PDF) 1 Page - Inventronics Inc.

Part # EUV-052S024ST
Description  52W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-052S024ST Datasheet(HTML) 1 Page - Inventronics Inc.

  EUV-052S024ST Datasheet HTML 1Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 2Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 3Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 4Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 5Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 6Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 7Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
1 / 8
52W Constant Voltage IP67 Driver
EUV-052SxxxST
Rev. K
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Features
Description
The EUV-052SxxxST series is a 52W, constant-voltage IP67 LED driver that operates from 90~305 Vac input
with excellent power factor. It is created for many lighting applications including architectural, decorative, tunnel
and street. The high efficiency of these drivers and metal case enable them to run cooler, significantly improving
reliability and extending product life. To ensure trouble-free operation, protection is provided against input surge,
output over voltage, short circuit, over current, and over temperature.
Models
Output
Voltage
Input
Voltage
Range(1)
Output
Current
Range
Max.
Output
Power
Typical
Efficiency
(2)
Typical
Power Factor
Model Number
120Vac
220Vac
24 Vdc
90 ~ 305 Vac
0 ~ 2170 mA
52 W
86.0%
0.96
0.95
EUV-052S024ST(3)
36 Vdc
90 ~ 305 Vac
0 ~ 1450 mA
52 W
86.0%
0.96
0.95
EUV-052S036ST(4)
48 Vdc
90 ~ 305 Vac
0 ~ 1080 mA
52 W
88.0%
0.96
0.95
EUV-052S048ST(5)
Notes: (1) UL, FCC certified input voltage range: 100-277Vac; other certified input voltage range except UL & FCC: 100-
240Vac.
(2) Measured at 100% load and 220 Vac input.
(3) Class 2 output (USR & CNR both) for wet location.
(4) Class 2 output (USR); Class 2 output (CNR only) for wet location.
(5) Class 2 output (USR), Non-Class 2 output (CNR).
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input Voltage
90 V
-
305 V
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.75 MIU
UL 8750; 277Vac/ 60Hz
-
-
0.75 mA
IEC 60598-1; 240Vac/ 60Hz
Input AC Current
-
-
0.8 A
Measured at 100% load and 100 Vac
input.
-
-
0.4 A
Measured at 100% load and 220 Vac
input.
Inrush Current
-
-
60 A
At 220Vac input 25℃ Cold Start.
Duration=210 μs, 10%Ipk-10%Ipk.
Inrush Current(I2t)
-
-
0.2 A2s
High Efficiency (Up to 88%)
Active Power Factor Correction (Typical 0.95)
Constant Voltage Output
IP67 and UL Dry/Damp/Wet location
All-Round Protection: OVP, SCP, OCP,OTP
Class 2 & SELV Output


Similar Part No. - EUV-052S024ST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-052S024SV INVENTRONICS-EUV-052S024SV Datasheet
940Kb / 8P
52W Constant Voltage IP67 Driver
Rev. L
More results

Similar Description - EUV-052S024ST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
DS-EBV-400SXXXSV INVENTRONICS-DS-EBV-400SXXXSV Datasheet
523Kb / 10P
400W Constant Voltage IP67 Driver
Rev. D
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-250SXXXSV INVENTRONICS-EUV-250SXXXSV Datasheet
401Kb / 10P
250W Constant Voltage IP67 Driver
Rev. N
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
300W Constant Voltage IP67 Driver
Rev. O
EUV-052SXXXSV INVENTRONICS-EUV-052SXXXSV Datasheet
940Kb / 8P
52W Constant Voltage IP67 Driver
Rev. L
LUC-052SXXXDSF INVENTRONICS-LUC-052SXXXDSF Datasheet
954Kb / 8P
52W Constant Current Indoor Driver
Rev. B
EUC-052S105DTC INVENTRONICS-EUC-052S105DTC Datasheet
329Kb / 8P
52W Constant Current IP67 Driver
Rev. C
EUC-052SXXXDT INVENTRONICS-EUC-052SXXXDT Datasheet
990Kb / 12P
52W Constant Current IP67 Driver
Rev. L
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com