Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LHC-024S035RSP Datasheet(PDF) 2 Page - Inventronics Inc.

Part # LHC-024S035RSP
Description  24W Constant Current Indoor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LHC-024S035RSP Datasheet(HTML) 2 Page - Inventronics Inc.

  LHC-024S035RSP Datasheet HTML 1Page - Inventronics Inc. LHC-024S035RSP Datasheet HTML 2Page - Inventronics Inc. LHC-024S035RSP Datasheet HTML 3Page - Inventronics Inc. LHC-024S035RSP Datasheet HTML 4Page - Inventronics Inc. LHC-024S035RSP Datasheet HTML 5Page - Inventronics Inc. LHC-024S035RSP Datasheet HTML 6Page - Inventronics Inc. LHC-024S035RSP Datasheet HTML 7Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 / 7
Specifications are subject to changes without notice.
24W Constant Current Indoor Driver
LHC-024SxxxRSP
Rev. E
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Current Tolerance
-5%Io
-
5%Io
At full load condition
No load output voltage
IO = 350 mA
IO = 500 mA
IO = 700 mA
IO = 1050 mA
-
-
-
-
-
-
-
-
75V
54V
38V
27V
Measured at full load and 220 Vac input with full
conduction angle.
Startup Overshoot Current
-
-
10%Io
Full load condition
Line Regulation
-
-
2%
Input voltage from 200Vac to 264Vac
-
-
30%
Input voltage from 176Vac to 200Vac
Load Regulation
-
-
5%
Input voltage from 200Vac to 264Vac
-
-
20%
Input voltage from 176Vac to 200Vac
Turn-on Delay Time
-
0.6 s
1.0 s
Measured at 220Vac input, 75%load-100%load
Dimming Range
0%Io
-
100%Io
Conduction Angle 30° ~ 180°
Temperature Coefficient of
Iomax
-
-
0.03%/
qC Case temperature = 0qC ~Tc max
Note: All specifications are typical at 25°C unless otherwise stated.
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 220 Vac input:
IO = 350 mA
IO = 500 mA
IO = 700 mA
IO = 1050 mA
83%
83%
82%
81%
84%
84%
83%
82%
-
-
-
-
Measured at full load and 220 Vac input with full
conduction angle and steady-state temperature in
25
ambient.
No Load
Power Dissipation
-
-
5 W
MTBF
-
330,000
Hours
-
Measured at 220Vac input, 80%load and 25
ambient temperature (MIL-HDBK-217F)
Lifetime
-
85,000
Hours
-
Measured at 220Vac input, 80%Load and 60
qC case
temperature; See life time vs. Tc curve for the details
Operating Case
Temperature for Safety
Tc_s
-20
qC
-
+90
qC
Operating Case
Temperature for Warranty
Tc_w
-20
qC
-
+65
qC
Humidity: 10% RH to 100% RH.
Storage Temperature
-20
qC
-
+85
qC
Humidity: 5% RH to 100% RH
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
4.73× 1.65 × 1.20
120 × 42 ×30.5
Net Weight
265 g
Note: All specifications are typical at 25°C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com