Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LWC-024S035SSP Datasheet(PDF) 2 Page - Inventronics Inc.

Part # LWC-024S035SSP
Description  24W Constant Current IP20 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LWC-024S035SSP Datasheet(HTML) 2 Page - Inventronics Inc.

  LWC-024S035SSP Datasheet HTML 1Page - Inventronics Inc. LWC-024S035SSP Datasheet HTML 2Page - Inventronics Inc. LWC-024S035SSP Datasheet HTML 3Page - Inventronics Inc. LWC-024S035SSP Datasheet HTML 4Page - Inventronics Inc. LWC-024S035SSP Datasheet HTML 5Page - Inventronics Inc. LWC-024S035SSP Datasheet HTML 6Page - Inventronics Inc. LWC-024S035SSP Datasheet HTML 7Page - Inventronics Inc. LWC-024S035SSP Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 / 8
Specifications are subject to changes without notice.
24W Constant Current IP20 Driver
LWC-024SxxxSSP
Rev. K
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Current Tolerance
-10%Io
-
10%Io
Output Current Ripple
-
30%Io
50%Io
At Full load condition
Output Current Overshoot /
Undershoot
-
-
10%Io
At Full load condition
No Load Output Voltage:
IO = 350 mA
IO = 500 mA
IO = 700 mA
IO = 1050 mA
-
-
-
-
-
-
-
-
86 V
57 V
43 V
29 V
Line Regulation
-
-
5%
Measured at full load
Load Regulation
-
-
5%
Measured at full load
Turn-on Delay Time
-
0.8 s
1.0 s
Measured at 120Vac input, 70%load-
100%load
-
0.4 s
0.6 s
Measured at 220Vac input, 70%load-
100%load
Temperature coefficient of Ioset
-
-
0.03%/C
Case temperature = 0
qC ~Tc max
Note: All specifications are tested by YW-PWH01 and typical at 25°C unless otherwise stated.
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 120 Vac input:
IO = 350 mA
IO = 500 mA
IO = 700 mA
IO = 1050 mA
84%
84%
83%
82%
85%
85%
84%
83%
-
-
-
-
Measured at full load and steady-state
temperature in 25
qC ambient;
(Efficiency will be about 1.0% lower if
measured immediately after startup.)
Efficiency at 220 Vac input:
IO = 350 mA
IO = 500 mA
IO = 700 mA
IO = 1050 mA
85%
85%
84%
83%
86%
86%
85%
84%
-
-
-
-
Measured at full load and steady-state
temperature in 25
qC ambient;
(Efficiency will be about 1.0% lower if
measured immediately after startup.)
No Load
Power Dissipation
-
-
1 W
MTBF
-
399,800
Hours
-
Measured at 120Vac input, 80%load and
25
ambient temperature (MIL-HDBK-
217F)
Life Time
-
71,100
Hours
-
Measured at 120Vac input, 80%load and
60
case temperature; See lifetime vs. Tc
curve for the details
Operating Case Temperature
for Safety Tc_s
-20
+85
Operating Case Temperature for
Warranty Tc_w
-20
-
+65
Humidity: 10% RH to 100% RH.
Storage Temperature
-30
-
+85
Humidity: 5% RH to 100% RH
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
4.73 × 1.65 × 1.20
120 × 42 × 30.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com