Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29SL400CT100RWAF Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29SL400CT100RWAF
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL400CT100RWAF Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29SL400CT100RWAF Datasheet HTML 6Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 7Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 8Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 9Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 10Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 11Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 12Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 13Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
8
Am29SL400C
Am29SL400C_00_A6 January 23, 2007
D A TA
SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to
confirm availability of specific valid combinations and to check on newly released combinations.
Am29SL400C
T
100R
E
C
TEMPERATURE RANGE
C
=
Commercial (0°C to +70°C)
D
=
Commercial (0°C to +70°C) with Pb-free Package
F
=
Industrial (-40°C to +85°C) with Pb-free Package
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
WA =
48-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 6 x 8 mm package (FBA048)
E
=
48-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top Sector
B
=
Bottom Sector
DEVICE NUMBER/DESCRIPTION
Am29SL400C
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS Flash Memory
1.8 Volt-only Read, Program, and Erase
Valid Combinations for TSOP Packages
Order Number
AM29SL400CT100R,
AM29SL400CB100R
EC, EI,
ED, EF
AM29SL400CT110,
AM29SL400CB110
AM29SL400CT120,
AM29SL400CB120
AM29SL400CT150,
AM29SL400CB150
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29SL400CT100R,
AM29SL400CB100R
WAC
WAI
WAD,
WAF
A400CT10R,
A400CB10R
C, I,
D, F
AM29SL400CT110,
AM29SL400CB110
A400CT11V,
A400CB11V
AM29SL400CT120,
AM29SL400CB120
A400CT12V,
A400CB12V
AM29SL400CT150,
AM29SL400CB150
A400CT15V,
A400CB15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com