Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

22_MCX-50-0-2133_N Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 22_MCX-50-0-2133_N
Description  COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead receptacle, jack (female)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

22_MCX-50-0-2133_N Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  22_MCX-50-0-2133_N Datasheet HTML 1Page - Huber+Suhner, Inc. 22_MCX-50-0-2133_N Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead receptacle,
jack (female)
22_MCX-50-0-2/133_N
Properties
• Small size
• Easy to connect and
disconnect
• Wide range of board
connectors and cable
connectors available
Product configuration
Inte ace type
Gender
Standard
MCX
jack
IEC 60169-36_CECC 22220
Inte ace and material data
Piece parts
Material
Plating
Centre contact
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Outer conductor
Brass
SUCOPLATE (R) Plating
Body
Brass
SUCOPLATE (R) Plating
Insulator
PFA / PTFE
Fastening nut
Brass
SUCOPLATE (R) Plating
Washer
Bronze
SUCOPLATE (R) Plating
Electrical data
Impedance
50
Inte ace frequency
6 GHz
Mechanical data
Weight
0.0008 kg
Mating cycles
500
Flange type
round flange / dia. 6.5
Tab style
Special
Environmental data
Operation temperature
-65 °C ... 165°C
hubersuhner.com


Similar Part No. - 22_MCX-50-0-2133_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
22_MCX-50-0-2111_NE HUBERSUHNER-22_MCX-50-0-2111_NE Datasheet
803Kb / 1P
Coaxial Panel Connector
More results

Similar Description - 22_MCX-50-0-2133_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
34_BNC-MCX-50-2133_U HUBERSUHNER-34_BNC-MCX-50-2133_U Datasheet
1,004Kb / 2P
COAXIAL ADAPTER, BNC - MCX, 50 Ohm, Bulkhead, jack / jack (female / female)
34_MCX-50-0-2111_N HUBERSUHNER-34_MCX-50-0-2111_N Datasheet
515Kb / 2P
COAXIAL ADAPTER, MCX, 50 Ohm, Bulkhead, jack / jack (female / female)
22_MCX-50-0-19111_N HUBERSUHNER-22_MCX-50-0-19111_N Datasheet
158Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead receptacle, jack (female)
22_MCX-50-0-5111_N HUBERSUHNER-22_MCX-50-0-5111_N Datasheet
131Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead receptacle, jack (female)
24_MCX-50-1-13111_N HUBERSUHNER-24_MCX-50-1-13111_N Datasheet
165Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-1-13133_N HUBERSUHNER-24_MCX-50-1-13133_N Datasheet
473Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-1-3111_N HUBERSUHNER-24_MCX-50-1-3111_N Datasheet
163Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-2-6111_N HUBERSUHNER-24_MCX-50-2-6111_N Datasheet
165Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-2-7111_N HUBERSUHNER-24_MCX-50-2-7111_N Datasheet
164Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
22_N-50-0-3133_N HUBERSUHNER-22_N-50-0-3133_N Datasheet
694Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight bulkhead receptacle, jack (female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com