Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESV-150S012ST Datasheet(PDF) 1 Page - Inventronics Inc.

Part # ESV-150S012ST
Description  150W Constant Voltage IP67 Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESV-150S012ST Datasheet(HTML) 1 Page - Inventronics Inc.

  ESV-150S012ST Datasheet HTML 1Page - Inventronics Inc. ESV-150S012ST Datasheet HTML 2Page - Inventronics Inc. ESV-150S012ST Datasheet HTML 3Page - Inventronics Inc. ESV-150S012ST Datasheet HTML 4Page - Inventronics Inc. ESV-150S012ST Datasheet HTML 5Page - Inventronics Inc. ESV-150S012ST Datasheet HTML 6Page - Inventronics Inc. ESV-150S012ST Datasheet HTML 7Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 / 7
Specifications are subject to changes without notice.
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
150W Constant Voltage IP67 Driver
ESV-150SxxxST
Rev. C
Features
Description
The ESV-150SxxxST series is a 150W, constant-voltage LED driver that operates from 249-528 Vac input with
excellent power factor. It is created for many lighting applications including high bay, area and roadway. The
high efficiency of these drivers enables them to run cooler, significantly improving reliability and extending
product life. To ensure trouble-free operation, protection is provided against input surge, output short circuit,
over temperature, over voltage, and over current.
Models
Output
Voltage
Input
Voltage
Range
Output
Current
Range
Max.
Output
Power
Typical
Efficiency
(1)
Power Factor
Model Number
277Vac 480Vac
12 Vdc
249~ 528 Vac
0~10 A
120 W
91.5%
0.96
0.95
ESV-150S012ST
24 Vdc
249~ 528 Vac
0~6.25 A
150 W
93.0%
0.96
0.95
ESV-150S024ST
36 Vdc
249~ 528 Vac
0~4.17 A
150 W
94.5%
0.96
0.95
ESV-150S036ST
42 Vdc
249~ 528 Vac
0~3.57 A
150 W
93.5%
0.96
0.95
ESV-150S042ST
48 Vdc
249~ 528 Vac
0~3.13 A
150 W
94.0%
0.96
0.95
ESV-150S048ST
Note: Measured at 100% load and 480 Vac input.
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input Voltage
249 Vac
-
528 Vac
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.75 MIU
UL8750; 277Vac/ 60Hz
Input AC Current
-
-
0.7 A
Measured at 100% load and 277Vac input.
-
-
0.4 A
Measured at 100% load and 480Vac input.
Inrush Current(I
2t)
-
-
3.1 A
2s
At 480Vac input 25
qC cold start, duration=260 s,
10%Ipk-10%Ipk. See Inrush Current Waveform
for the details.
PF
0.90
-
-
At 277-480Vac, 50-60Hz, 60%-100% Load
THD
-
-
20%
y
Ultra High Efficiency (Up to 94.5%)
y
Constant Voltage Output
y
Input Surge Protection: 4kV line-line, 6kV line-earth
y
All-Around Protection: SCP, OTP, OVP, OCP
y
Suitable for UL Dry / Damp / Wet Location
y
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location


Similar Part No. - ESV-150S012ST

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
ESV-150-SF FESTO-ESV-150-SF Datasheet
79Kb / 1P
Vacuum cup without connector
6/19/22
ESV-150-SN FESTO-ESV-150-SN Datasheet
75Kb / 1P
Vacuum cup without connector
6/19/22
ESV-150-SS FESTO-ESV-150-SS Datasheet
84Kb / 1P
Vacuum cup without connector
6/19/22
ESV-150-SU FESTO-ESV-150-SU Datasheet
85Kb / 1P
Vacuum cup without connector
6/19/22
More results

Similar Description - ESV-150S012ST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-150SXXXSV INVENTRONICS-DS-EBV-150SXXXSV Datasheet
538Kb / 10P
150W Constant Voltage IP67 Driver
Rev. D
EUV-150SXXXDTASTA INVENTRONICS-EUV-150SXXXDTASTA Datasheet
533Kb / 11P
150W Constant Voltage IP67 Driver
Rev.C
EUV-150SXXXDVASVA INVENTRONICS-EUV-150SXXXDVASVA Datasheet
1Mb / 11P
150W Constant Voltage IP67 Driver
Rev.D
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-150SXXXSV INVENTRONICS-EUV-150SXXXSV Datasheet
281Kb / 8P
150W Constant Voltage IP67 Driver
Rev. U
EBC-150SXXXSVA000X INVENTRONICS-EBC-150SXXXSVA000X Datasheet
206Kb / 8P
150W Constant Current IP67 Driver
Rev. D
ESC-150SXXXDT INVENTRONICS-ESC-150SXXXDT Datasheet
676Kb / 10P
150W Constant Current IP67 Driver
Rev. O
ETC-150SXXXDT INVENTRONICS-ETC-150SXXXDT Datasheet
565Kb / 9P
150W Constant Current IP67 Driver
Rev. F
EUC-150SXXXDV INVENTRONICS-EUC-150SXXXDV Datasheet
562Kb / 12P
150W Constant Current IP67 Driver
Rev. F
EUC-150SXXXDVA INVENTRONICS-EUC-150SXXXDVA Datasheet
590Kb / 11P
150W Constant Current IP67 Driver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com