Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMBJ Datasheet(PDF) 3 Page - UN Semiconducctor INC

Part # SMBJ
Description  3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SMBJ Datasheet(HTML) 3 Page - UN Semiconducctor INC

  SMBJ Datasheet HTML 1Page - UN Semiconducctor INC SMBJ Datasheet HTML 2Page - UN Semiconducctor INC SMBJ Datasheet HTML 3Page - UN Semiconducctor INC SMBJ Datasheet HTML 4Page - UN Semiconducctor INC SMBJ Datasheet HTML 5Page - UN Semiconducctor INC SMBJ Datasheet HTML 6Page - UN Semiconducctor INC SMBJ Datasheet HTML 7Page - UN Semiconducctor INC SMBJ Datasheet HTML 8Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
3.3 To 440V 600W
SMBJ Series
3/7
Part Number
Uni
Bi
Reverse
Stand-Off
Voltage
V
(V)
Breakdown
Voltage V
(V)
@I
Maximum
Clamping
Voltage V
@I
(V)
Maximum
Peak Pulse
Current
I
(A)
Maximum
Reverse
Leakage I
@V
Test
Current
I (mA)
MIN
MAX
Marking
Uni
Bi
Electrical Characteristics (TA=25℃ unless otherwise noted)
43.0
43.0
45.0
45.0
48.0
48.0
51.0
51.0
54.0
54.0
58.0
58.0
60.0
60.0
64.0
64.0
70.0
70.0
75.0
75.0
78.0
78.0
80.0
80.0
85.0
85.0
90.0
90.0
100.0
100.0
110.0
110.0
120.0
120.0
130.0
130.0
140.0
140.0
150.0
150.0
160.0
160.0
170.0
170.0
180.0
180.0
190.0
190.0
200.0
220.0
250.0
300.0
350.0
400.0
440.0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
76.7
69.4
80.3
72.7
85.5
77.4
91.1
82.4
96.3
87.1
103.0
93.6
107.0
96.8
114.0
103.0
125.0
113.0
134.0
121.0
139.0
126.0
143.2
129.6
151.0
137.0
160.0
146.0
179.0
162.0
196.0
177.0
214.0
193.0
231.0
209.0
250.6
226.8
268.0
243.0
287.0
259.0
304.0
275.0
322.2
291.6
340.1
307.8
324.0
356.0
405.0
486.0
567.0
648.0
713.0
SMBJ43
SMBJ43A
SMBJ45
SMBJ45A
SMBJ48
SMBJ48A
SMBJ51
SMBJ51A
SMBJ54
SMBJ54A
SMBJ58
SMBJ58A
SMBJ60
SMBJ60A
SMBJ64
SMBJ64A
SMBJ70
SMBJ70A
SMB75
SMBJ75A
SMBJ78
SMBJ78A
SMBJ80
SMBJ80A
SMBJ85
SMBJ85A
SMBJ90
SMBJ90A
SMBJ100
SMBJ100A
SMBJ110
SMBJ110A
SMBJ120
SMBJ120A
SMBJ130
SMBJ130A
SMBJ140
SMBJ140A
SMBJ150
SMBJ150A
SMBJ160
SMBJ160A
SMBJ170
SMBJ170A
SMBJ180
SMBJ180A
SMBJ190
SMBJ190A
SMBJ200A
SMBJ220A
SMBJ250A
SMBJ300A
SMBJ350A
SMBJ400A
SMBJ440A
SMBJ43C
SMBJ43CA
SMBJ45C
SMBJ45CA
SMBJ48C
SMBJ48CA
SMBJ51C
SMBJ51CA
SMBJ54C
SMBJ54CA
SMBJ58C
SMBJ58CA
SMBJ60C
SMBJ60CA
SMBJ64C
SMBJ64CA
SMBJ70C
SMBJ70CA
SMBJ75C
SMBJ75CA
SMBJ78C
SMBJ78CA
SMBJ80C
SMBJ80CA
SMBJ85C
SMBJ85CA
SMBJ90C
SMBJ90CA
SMBJ100C
SMBJ100CA
SMBJ110C
SMBJ110CA
SMBJ120C
SMBJ120CA
SMBJ130C
SMBJ130CA
SMBJ140C
SMBJ140CA
SMBJ150C
SMBJ150CA
SMBJ160C
SMBJ160CA
SMBJ170C
SMBJ170CA
SMBJ180C
SMBJ180CA
SMBJ190C
SMBJ190CA
SMBJ200CA
SMBJ220CA
SMBJ250CA
SMBJ300CA
SMBJ350CA
SMBJ400CA
SMBJ440CA
MS
MT
MU
MV
MW
MX
MY
MZ
ND
NE
NF
NG
NH
NK
NL
NM
NN
NP
NQ
NR
NS
NT
NA
NB
NU
NV
NW
NX
NY
NZ
PD
PE
PF
PG
PH
PK
PA
PB
PL
PM
PN
PP
PQ
PR
PS
PT
PU
PV
PW
PX
PZ
QE
QG
QK
QM
CS
CT
CU
CV
CW
CX
CY
CZ
DD
DE
DF
DG
DH
DK
DL
DM
DN
DP
DQ
DR
DS
DT
DA
DB
DU
DV
DW
DX
DY
DZ
ED
EE
EF
EG
EH
EK
EA
EB
EL
EM
EN
EP
EQ
ER
ES
ET
EU
EV
EW
EX
EZ
FE
FG
FK
FM
47.80
47.80
50.00
50.00
53.30
53.30
56.70
56.70
60.00
60.00
64.40
64.40
66.70
66.70
71.10
71.10
77.80
77.80
83.30
83.30
86.70
86.70
88.80
88.80
94.40
94.40
100.00
100.00
111.00
111.00
122.00
122.00
133.00
133.00
144.00
144.00
155.00
155.00
167.00
167.00
178.00
178.00
189.00
189.00
201.00
201.00
211.00
211.00
224.00
246.00
279.00
335.00
391.00
447.00
492.00
58.40
52.80
61.10
55.30
65.10
58.90
69.30
62.70
73.30
66.30
78.70
71.20
81.50
73.70
86.90
78.60
95.10
86.00
102.00
92.10
106.00
95.80
108.80
97.60
115.00
104.00
122.00
111.00
136.00
123.00
149.00
135.00
163.00
147.00
176.00
159.00
190.40
171.00
204.00
185.00
218.00
197.00
231.00
209.00
244.80
220.00
258.40
232.00
247.00
272.00
309.00
371.00
432.00
494.00
543.00
7.82
8.65
7.47
8.25
7.02
7.75
6.59
7.28
6.23
6.89
5.83
6.41
5.61
6.20
5.26
5.83
4.80
5.31
4.48
4.96
4.32
4.76
4.19
4.63
3.97
4.38
3.75
4.11
3.35
3.70
3.06
3.39
2.80
3.11
2.60
2.87
2.39
2.65
2.24
2.47
2.09
2.32
1.97
2.18
1.86
2.06
1.76
1.95
1.85
1.69
1.48
1.23
1.06
0.93
0.84



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com