Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP6503CBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6503CBZ
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6503CBZ Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6503CBZ Datasheet HTML 1Page - Intersil Corporation HIP6503CBZ Datasheet HTML 2Page - Intersil Corporation HIP6503CBZ Datasheet HTML 3Page - Intersil Corporation HIP6503CBZ Datasheet HTML 4Page - Intersil Corporation HIP6503CBZ Datasheet HTML 5Page - Intersil Corporation HIP6503CBZ Datasheet HTML 6Page - Intersil Corporation HIP6503CBZ Datasheet HTML 7Page - Intersil Corporation HIP6503CBZ Datasheet HTML 8Page - Intersil Corporation HIP6503CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN4882.5
HIP6503
Multiple Linear Power Controller with
ACPI Control Interface
The HIP6503 complements either an HIP6020 or an
HIP6021 in ACPI-compliant designs for microprocessor and
computer applications. The IC integrates four linear
controllers/regulators, switching, monitoring and control
functions into a 20 pin SOIC package. One linear controller
generates the 3.3VDUAL/3.3VSB voltage plane from the ATX
supply’s 5VSB output, powering the south bridge and the
PCI slots through an external pass transistor during sleep
states (S3, S4/S5). A second transistor is used to switch in
the ATX 3.3V output for operation during S0 and S1/S2
(active) operating states. A linear controllers/regulator
supplies at choice either of 2.5V or 3.3V memory power
through external pass transistors (switch for 3.3V setting) in
active states. During sleep states, integrated pass
transistors supply the sleep power. Another controller
powers up the 5VDUAL plane by switching in the ATX 5V
output in active states, and the ATX 5VSB in sleep states.
Two internal regulators output both a dedicated, noise-free
2.5V clock chip supply, as well as a 1.8V ICH2 resume well
voltage. The HIP6503’s operating mode (active outputs or
sleep outputs) is selectable through two digital control pins,
S3 and S5. Enabling sleep state support on the 5VDUAL
output is offered through the EN5VDL pin. In active state, the
3.3VDUAL/3.3VSB and 2.5VMEM/3.3VMEM linear regulators
use external N-channel pass MOSFETs to connect the
outputs directly to the 3.3V input supplied by an ATX power
supply, for minimal losses. In sleep state, power delivery on
both outputs is transferred to NPN transistors. Active state
regulation on the 2.5VMEM output is performed through an
external NPN transistor. The 5VDUAL output is powered
through two external MOS transistors. In sleep states, a
PMOS (or PNP) transistor conducts the current from the ATX
5VSB output; while in active state, current flow is transferred
to an NMOS transistor connected to the ATX 5V output. The
operation of the 5VDUAL output is dictated not only by the
status of the S3 and S5 pins, but that of the EN5VDL pin as
well. The 3.3VDUAL/3.3VSB and 1.8VSB outputs are active
for as long as the ATX 5VSB voltage is applied to the chip.
The 2.5VCLK output is only active during S0 and S1/S2, and
uses the 3V3 pin as input source for its internal pass
element.
Features
• Provides 5 ACPI-Controlled Voltages
-5VDUAL USB/Keyboard/Mouse
-3.3VDUAL/3.3VSB PCI/Auxiliary/LAN
-2.5VMEM RDRAM or 3.3VMEM SDRAM
-2.5VCLK Clock/Processor Terminations
-1.8VSB ICH2 Resume Well
• Excellent Output Voltage Regulation
- All Outputs:
±2.0% Over Temperature (as applicable)
• Small Size; Very Low External Component Count
• RDRAM/SDRAM/DDRAM Memory Support
• Undervoltage Monitoring of All Outputs with Centralized
FAULT Reporting and Temperature Shutdown
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• ACPI-Compliant Power Regulation for Motherboards
Pinout
HIP6503
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HIP6503CB
0 to 70
20 Ld SOIC
M20.3
HIP6503CBZ (Note)
0 to 70
20 Ld SOIC (Pb-free) M20.3
HIP6503CBZ-T (Note) 20 Ld SOIC Tape and Reel
(Pb-free)
M20.3
HIP6503EVAL1
Evaluation Board
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
14
15
16
17
18
19
20
7
6
5
4
3
2
1
1V8IN
1V8SB
VCLK
3V3DLSB
3V3DL
5VSB
VSEN2
5V
5VDLSB
12V
DLA
SS
3V3
DRV2
EN5VDL
5VDL
13
8
11
12
10
9
S3
S5
FAULT/MSEL
GND
Data Sheet
July 21, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, 2005. All Rights Reserved


Similar Part No. - HIP6503CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6503CBZ RENESAS-HIP6503CBZ Datasheet
683Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
HIP6503CBZ-T RENESAS-HIP6503CBZ-T Datasheet
683Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
More results

Similar Description - HIP6503CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
1999 12
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
Multiple Linear Power Controller with ACPI Control Interface
May 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com