Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL5961/2IB Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL5961/2IB
Description  14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5961/2IB Datasheet(HTML) 2 Page - Intersil Corporation

  ISL5961/2IB Datasheet HTML 1Page - Intersil Corporation ISL5961/2IB Datasheet HTML 2Page - Intersil Corporation ISL5961/2IB Datasheet HTML 3Page - Intersil Corporation ISL5961/2IB Datasheet HTML 4Page - Intersil Corporation ISL5961/2IB Datasheet HTML 5Page - Intersil Corporation ISL5961/2IB Datasheet HTML 6Page - Intersil Corporation ISL5961/2IB Datasheet HTML 7Page - Intersil Corporation ISL5961/2IB Datasheet HTML 8Page - Intersil Corporation ISL5961/2IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Typical Applications Circuit
Functional Block Diagram
D11 (3)
D10 (4)
D9 (5)
D8 (6)
D7 (7)
D6 (8)
D5 (9)
D4 (10)
D11
D10
D9
D8
D7
D6
D5
D4
DCOM (26)
CLK (28)
(24) AVDD
(22) IOUTA
(21) IOUTB
(18) FSADJ
(16) REFLO
ISL5961
DVDD (27)
0.1
µF
10
µF
(20) ACOM
50
Ω
(15) SLEEP
(17) REFIO
0.1
µF
1.91k
Ω
FERRITE
10
µH
(23) COMP
0.1
µF
+
BEAD
RSET
D3
D2
D1
D0
D3 (11)
D2 (12)
D1 (13)
D0 (LSB) (14)
0.1
µF
10
µH
+
BEAD
(25, 19) NC
ACOM
DCOM
10
µF
D13 (1)
D12 (2)
D13
D12
+3.3V (VDD)
50
Ω
(50
Ω)
1:1, Z1:Z2
ONE CONNECTION
ANY 50
Ω LOAD
REPRESENTS
UPPER
VOLTAGE
REFERENCE
(LSB) D0
D1
D2
D3
D4
D5
D6
D9
CLK
D7
D8
5-BIT
DECODER
REFIO
CASCODE
CURRENT
SOURCE
SWITCH
MATRIX
BIAS
GENERATION
INT/EXT
40
40
31 MSB
SEGMENTS
9 LSBs
+
COMP
IOUTA
IOUTB
D10
D11
D12
(MSB) D13
INPUT
LATCH
REFLO
FSADJ
SLEEP
ISL5961



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com