Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXDN75N120 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IXDN75N120
Description  High Voltage IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXDN75N120 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IXDN75N120 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXDN75N120 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IXDN75N120 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISGM2033
eq IXDN75N120
High Voltage IGBT
www.iscsemi.com
1
DESCRIPTION
·
Space savings
·
High Power Density
·
Low Switching Losses
APPLICATIONS
·
DC servo and robot drives
·
DC choppers
·
UPS
·
AC motor speed control
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
1200
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
@ TC=25℃
150
A
IC
Collector Current-Continuous
@ TC=90℃
95
A
ICM
Pulsed Collector Current@ TC=90℃;
tp = 1 ms
190
A
PD
Power Dissipation @TC=25℃
660
W
Tj
Operating Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~150
℃
VISOL
50/60Hz
2500
V


Similar Part No. - IXDN75N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN75N120 IXYS-IXDN75N120 Datasheet
73Kb / 4P
High Voltage IGBT
IXDN75N120 IXYS-IXDN75N120 Datasheet
73Kb / 4P
High Voltage IGBT
More results

Similar Description - IXDN75N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH24N170 IXYS-IXGH24N170 Datasheet
99Kb / 2P
High Voltage IGBT
IXGH32N170 IXYS-IXGH32N170 Datasheet
588Kb / 5P
High Voltage IGBT
IXDA20N120AS IXYS-IXDA20N120AS_11 Datasheet
242Kb / 4P
High Voltage IGBT
IXGH10N170 IXYS-IXGH10N170 Datasheet
195Kb / 5P
High Voltage IGBT
IXGH10N170A IXYS-IXGH10N170A Datasheet
571Kb / 5P
High Voltage IGBT
IXGH16N170A IXYS-IXGH16N170A_05 Datasheet
176Kb / 6P
High Voltage IGBT
IXGH32N170A IXYS-IXGH32N170A Datasheet
578Kb / 5P
High Voltage IGBT
IXST15N120B IXYS-IXST15N120B Datasheet
58Kb / 2P
HIGH Voltage IGBT
IXGP28N120B IXYS-IXGP28N120B Datasheet
570Kb / 5P
High Voltage IGBT
logo
Inchange Semiconductor ...
IXGN100N170 ISC-IXGN100N170 Datasheet
562Kb / 3P
High Voltage IGBT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com