Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC025SMA120B4 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MSC025SMA120B4
Description  SiC N-Channel MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MSC025SMA120B4 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MSC025SMA120B4 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MSC025SMA120B4 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MSC025SMA120B4
SiC N-Channel MOSFET
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V; ID= 0.1mA
1200
--
--
V
VGS(th)
Gate Threshold Voltage
VDS = VGS; ID = 3mA
1.8
2.8
--
V
RDS(on)
Drain-Source On-stage Resistance
VGS= 20V; ID= 40A
--
25
31
mΩ
IGSS
Gate Source Leakage Current
VGS= -10/+20V; VDS= 0V
--
--
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS = 1200V; VGS = 0V
--
--
100
μA
VSD
Diode Forward Voltage
ISD= 40A; VGS= 0V
--
4.0
--
V
VSD
Diode Forward Voltage
ISD= 40A; VGS= -5V
--
4.2
--
V
trr
Reverse Recovery Time
VR = 800V, VGS = -5V
ID = 40A
di/dt = -1000A/us
--
90
--
ns
Qrr
Reverse Recovery Charge
--
550
--
nC
PACKAGE OUTLINE (UNIT: MM):



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com