Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMCP262 Datasheet(PDF) 1 Page - STI Vibration Monitoring Inc.

Part # CMCP262
Description  CMCP262 Series Breakthrough Style Cord Grips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP262 Datasheet(HTML) 1 Page - STI Vibration Monitoring Inc.

  CMCP262 Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP262 Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
CMCP262 Series
Breakthrough Style Cord Grips
Features:
Multi-Cable Cord Grip
Rated IP68 for Protection from Water Immersion
UL, C-UL and CSA Certified
Accepts Up to 9 or 13 Cables
-20 to 210°F (-20 to 100°C) Temperature Range
Standard NPT Knockout Sizes for Easy Field Installation
Nylon Body with Zinc Plated Steel Nut
Product Overview
Save space and have fewer cutouts in your enclosure by running more than one cord through a single cord grip.
Break-Through Cord Grips have a thin, flexible seal that covers the holes until you push cord through them. Made
of black nylon and include a zinc-plated steel locknut. Temperature range is -20° to 210° F. Rated IP68 for
protection from water submersion. The CMCP262 Series Cord Grips are UL listed and CSA certified
Specifications:
Material:
Nylon Cord Grip with Zinc Plated Steel Washer
IP Rating:
IP68
Suitable for Continuous Immersion in Water Beyond 1 Meter
Protected from Ingress of Dust
Temperature Range:
-20 to 210°F (-20 to 100°C)
For Cable Diameter:
0.17” to 0.22” (4.3 to 5.58mm)
Cable Inputs:
Part ID
Maximum Cables Allowed
CMCP262-01:
5
CMCP262-02:
9
CMCP262-03:
13
CMCP262-04:
21
Knock Out Size:
Cord Grip
NPT Size
Drill Size
CMCP262-01:
0.75" NPT
1.05”
CMCP262-02:
1.00” NPT
1.32”
CMCP262-03:
1.25” NPT
1.66”
CMCP262-04:
1.50” NPT
1.90”
Ordering Guide
CMCP262
-XX
Description
-01
Up to 5 Cables, 0.75” NPT
-02
Up to 9 Cables, 1.00” NPT
-03
Up to 13 Cables, 1.25” NPT
-04
Up to 21 Cables, 1.50” NPT


Similar Part No. - CMCP262

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP206 STI-CMCP206 Datasheet
207Kb / 1P
Vibration Monitoring and Machine Protection Systems
More results

Similar Description - CMCP262

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXZ2-2780-Y LUMILEDS-LXZ2-2780-Y Datasheet
2Mb / 23P
Breakthrough luminance, design flexibility
logo
Molex Electronics Ltd.
130097-0172 MOLEX11-130097-0172 Datasheet
42Kb / 1P
Deluxe Cord Grips Strain Relief, 1 NPT, Straight Male
130097-0179 MOLEX11-130097-0179 Datasheet
42Kb / 1P
Deluxe Cord Grips Strain Relief, 1 NPT, Straight Male,
130097-0180 MOLEX11-130097-0180 Datasheet
42Kb / 1P
Deluxe Cord Grips Strain Relief, 1 NPT, Straight Male
130097-0183 MOLEX11-130097-0183 Datasheet
41Kb / 1P
Deluxe Cord Grips Strain Relief, 2 NPT, Straight Male
1300970235 MOLEX-1300970235 Datasheet
34Kb / 1P
Deluxe Cord Grips Strain Relief, 1-1/2
07/27/2021
logo
SAB North America
CG100 SAB-CG100 Datasheet
185Kb / 1P
Polyamide 6 Cord Grips
CG100NPT SAB-CG100NPT Datasheet
219Kb / 1P
Polyamide 6 Cord Grips
CG100PG SAB-CG100PG Datasheet
176Kb / 1P
Polyamide 6 Cord Grips
CG200PG SAB-CG200PG Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com