Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST2545AX-D Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # ST2545AX-D
Description  SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ST2545AX-D Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  ST2545AX-D Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ST2545AX-D Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ST2545AX-D Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ST2545AX-D Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ST2545AX-D Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N2680, Rev. -
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
ST2545AX-D
ST2545AX-C
ST2545AX-D/ST2545AX-C SCHOTTKY BARRIER RECTIFIER
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Mechanical Data
Maximum Ratings(limiting values, at 25 °C unless otherwise specified)
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
45
V
Average Rectified Forward Current
IF (AV)
Tc=125°C, In DC
25
A
Peak One Cycle Non-Repetitive Surge
Current
IFSM
8.3 ms, half Sine pulse, TC= 25°C
350
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop*
VF1
@ 25A, Pulse, TJ = 25 C
0.51
0.55
V
Reverse Current*
IR1
@VR = rated VR TJ = 25 C
0.01
0.2
mA
IR2
@VR = rated VR TJ = 125 C
14
60
mA
Junction Capacitance
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz
2995
-
pF
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Ultralow forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Trench MOS Schottky technology
Terminals finish: 100% Pure Tin
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
R-7


Similar Part No. - ST2545AX-D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25-TAG-BAG-EC STMICROELECTRONICS-ST25-TAG-BAG-EC Datasheet
124Kb / 3P
Set of ST25TV and ST25TN series NFC tags
18-Oct-2022
ST25-TAG-BAG-UB STMICROELECTRONICS-ST25-TAG-BAG-UB Datasheet
5Mb / 3P
Set of ST25TA and ST25TV series NFC tags
Rev 1 - April 2021
ST25-TAG-BAG-UT1 STMICROELECTRONICS-ST25-TAG-BAG-UT1 Datasheet
544Kb / 5P
Set of ST25TV and ST25TN series NFC tags
28-Feb-2024
logo
Vishay Siliconix
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
SuperTan Wet Tantalum Capacitors with Hermetic Seal
13-Oct-14
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Similar Description - ST2545AX-D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com