Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XU1003-QD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XU1003-QD
Description  19.0-26.0 GHz GaAs Transmitter QFN, 7x7mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1003-QD Datasheet(HTML) 2 Page - Mimix Broadband

  XU1003-QD Datasheet HTML 1Page - Mimix Broadband XU1003-QD Datasheet HTML 2Page - Mimix Broadband XU1003-QD Datasheet HTML 3Page - Mimix Broadband XU1003-QD Datasheet HTML 4Page - Mimix Broadband XU1003-QD Datasheet HTML 5Page - Mimix Broadband XU1003-QD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2006 - Rev 31-Aug-06
19.0-26.0 GHz GaAsTransmitter
QFN, 7x7mm
U1003-QD
Page 2 of 6
Transmitter Measurements
XU1003-QD, Conversion Gain (dB)
0
2
4
6
8
10
12
14
16
18
20
17
19
21
23
25
27
RF Freq (GHz)
LSB
USB
XU1003-QD, Image Rejection (dBc)
-35
-30
-25
-20
-15
-10
-5
0
17
19
21
23
25
27
RF Freq (GHz)
LSB
USB
XU1003-QD, 1xLO Leakage (dBm) @ RF port
-50
-40
-30
-20
-10
0
10
20
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
1xLO Freq (GHz)
XU1003-QD, 2xLO Leakage (dBm) @ RF port
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
15
17
19
21
23
25
27
29
2xLO Freq (GHz)
XU1003-QD, Output Intercept Point (OIP3)
10
15
20
25
30
35
40
17
19
21
23
25
27
RF (GHz) [IF=2GHz]
USB
LSB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com