Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRMA080507D2M50MZ Datasheet(PDF) 1 Page - RFE international

Part # LRMA080507D2M50MZ
Description  SURFACE MOUNT RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRMA080507D2M50MZ Datasheet(HTML) 1 Page - RFE international

  LRMA080507D2M50MZ Datasheet HTML 1Page - RFE international LRMA080507D2M50MZ Datasheet HTML 2Page - RFE international LRMA080507D2M50MZ Datasheet HTML 3Page - RFE international LRMA080507D2M50MZ Datasheet HTML 4Page - RFE international LRMA080507D2M50MZ Datasheet HTML 5Page - RFE international LRMA080507D2M50MZ Datasheet HTML 6Page - RFE international LRMA080507D2M50MZ Datasheet HTML 7Page - RFE international LRMA080507D2M50MZ Datasheet HTML 8Page - RFE international LRMA080507D2M50MZ Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
0.5% (D)
1.0% (F)
2.0% (G)
5.0% (J)
≤ ±100
31.62
70.71
---
0.5~1
≤ ±75
18.26
40.82
---
1.5~2
≤ ±50
14.14
31.62
7~13
2.5~13
≤ ±100
44.72
89.44
---
0.5~1
≤ ±75
25.81
51.63
---
1.5~2
≤ ±50
20.00
40.00
7~13
2.5~13
0.5W
22.60
50.00
0.75W
27.38
61.23
1W
31.62
70.71
5~50
1~50
R001 : MnCuSn
R002~R007 : MnCu
R008~R050 : FeCrAl
1.5W
38.72
86.60
5~10
1~10
R001 : MnCuSn
R002~R007 : MnCu
R008~R010 : FeCrAl
Resistance Range
(mΩ)
Size
Code
Rating
Power
at 70°C
T.C.R.
(ppm/°C)
Max.
Rating
Current
(A)
Max.
Overload
Current
(A)
Material
Operation
Temperature
Range (°C)
0m50~R002 : MnCuSn
2m50~R008 : MnCu
R009~R013 : FeCrAl
-55 ~ +170
R001 : MnCuSn
R002~R007 : MnCu
R008~R075 : FeCrAl
1~75
1206
0805
0.5W
1W
≤ ±50
5~75
APPLICATION
• Battery Management systems
• Power supply
• Precision Measuring equipment
• Replaces RFE LR series
FEATURES
• Low Resistance, Low TCR
• Precision current sensing
• Precision voltage division
• AEC - Q200
RoHS
Page 1 of 9
SURFACE MOUNT RESISTORS
LRMA Series: Metal Alloy, Very Low Resistance
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
2022.03.23
PART NUMBER EXAMPLE
ELECTRICAL CHARACERISTICS & DIMENSION
LRMA
2512
20
F
R001
M
Z
Optional
A : For
Automotive
Grade
Material
S : MnCuSn
M : MnCu
F : FeCrAl
C : Cu
Resistance
0m20 = 0.2mR
2m50 = 2.5mR
R005 = 5.0mR
R100 = 100mR
R500 = 500mR
Tolerance
D = ±0.5%
F = ±1%
G = ±2%
J = ±5%
Rated
Power
07 = 0.75W
10 = 1.00W
20 = 2.00W
30 = 3.00W
40 = 4.00W
50 = 5.00W
Size
Code
1206
2512
2725
2728
4527
Product
Type
0 = Zero Ω
0805
1206
2512
2725
2728
4527
05=0.50W
07=0.75W
10=1.00W
20=2.00W
30=3.00W
40=4.00W
50=5.00W
A : For
Automotive
Grade
Z : Default


Similar Part No. - LRMA080507D2M50MZ

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LRMA TTELEC-LRMA Datasheet
679Kb / 3P
Low thermal EMF version
LRMA3920 TTELEC-LRMA3920 Datasheet
669Kb / 4P
Standard power rating up to 5W
logo
List of Unclassifed Man...
LRMAM0815-R01FT4 ETC2-LRMAM0815-R01FT4 Datasheet
389Kb / 3P
Low Resistance Metal Alloy Resistor
LRMAM0815-R01FT5 ETC2-LRMAM0815-R01FT5 Datasheet
389Kb / 3P
Low Resistance Metal Alloy Resistor
LRMAM0815-R01JT4 ETC2-LRMAM0815-R01JT4 Datasheet
389Kb / 3P
Low Resistance Metal Alloy Resistor
More results

Similar Description - LRMA080507D2M50MZ

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
OARS WELWYN-OARS Datasheet
2Mb / 3P
Surface Mount Sense Resistors
logo
Anaren Microwave
RFP-100200-4Y100-2 ANAREN-RFP-100200-4Y100-2 Datasheet
520Kb / 2P
Surface Mount Resistors
RFP-250250-4Y100-2 ANAREN-RFP-250250-4Y100-2 Datasheet
520Kb / 2P
Surface Mount Resistors
RFP-250375-4Y100-2 ANAREN-RFP-250375-4Y100-2 Datasheet
518Kb / 2P
Surface Mount Resistors
logo
List of Unclassifed Man...
OARSXPR002FLF ETC2-OARSXPR002FLF Datasheet
854Kb / 5P
Surface Mount Sense Resistors
logo
RFE international
RCN RFE-RCN Datasheet
724Kb / 4P
SURFACE MOUNT RESISTORS
2013.03.26
RMF RFE-RMF Datasheet
54Kb / 1P
SURFACE MOUNT RESISTORS
2014.10.13
RMT RFE-RMT Datasheet
4Mb / 4P
Surface Mount Resistors
05-JUL-2023
RMTH RFE-RMTH Datasheet
1Mb / 4P
Surface Mount Resistors
17-MAR-2023
RMTUH RFE-RMTUH Datasheet
1Mb / 5P
Surface Mount Resistors
13-MAR-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com