Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTBP92HD/2 Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CTBP92HD/2
Description  3.5mm pitch pluggable rising clamp terminal blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP92HD/2 Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CTBP92HD/2 Datasheet HTML 1Page - CamdenBoss Ltd. CTBP92HD/2 Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
59
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
SCREWLES S
S TANDARD
PL UGGABLES
PART NO.
POLES
LENG TH
CTBP93HD/2
2
8.4mm
CTBP93HD/3
3
11.9mm
CTBP93HD/4
4
15.4mm
CTBP93HD/5
5
18.9mm
CTBP93HD/6
6
22.4mm
CTBP93HD/7
7
25.9mm
CTBP93HD/8
8
29.4mm
CTBP93HD/9
9
32.9mm
CTBP93HD/10
10
36.4mm
CTBP93HD/11
11
39.9mm
CTBP93HD/12
12
43.4mm
CTBP93HD
PART NO.
POLES
LENG TH
CTBP93VD/2
2
8.4mm
CTBP93VD/3
3
11.9mm
CTBP93VD/4
4
15.4mm
CTBP93VD/5
5
18.9mm
CTBP93VD/6
6
22.4mm
CTBP93VD/7
7
25.9mm
CTBP93VD/8
8
29.4mm
CTBP93VD/9
9
32.9mm
CTBP93VD/10
10
36.4mm
CTBP93VD/11
11
39.9mm
CTBP93VD/12
12
43.4mm
CTBP93VD
3.5
7.2
3.4
0.8
3
3.5
7.2
A S SOCIATED PRODUCT S
CTB9 2HD , CTB9 2VD S and CTBP9 2VD R can be r eplac ed with a scr e wles s type t erminal
block f or a r educ ed as sembly time .
CS TBP9 2HD
-
page 77
PCB mounting male horiz ontal c onnect or ( closed ended)
PCB mounting male v ertical c onnect or ( closed ended)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com