Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTBP93VD/2 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP93VD/2
Description  3.5mm pitch pluggable rising clamp terminal blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP93VD/2 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP93VD/2 Datasheet HTML 1Page - CamdenBoss Ltd. CTBP93VD/2 Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
58
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
SCREWLES S
SCREWLES S
S TANDARD
PL UGGABLES
PL UGGABLES
PCB TERMINAL
BLOCKS
0 02
3.5mm pit ch pluggable rising clamp
t erminal blocks
Pr oduct o v ervie w
• 2-12 pole solid block professional rising clamp terminals
• Moulded in green UL94-V0 flame retardant PA66
• Cable acceptance - 0.32 to 1.3mm2 (28-16AWG) solid
and stranded cable
• Polarised mouldings
• Pluggable male and female connectors
• Closed headers
• Horizontal and vertical female plug styles
• Anti solder wicking
• Captive screws
• Guided pin alignment
• C
US ,
approved
SPECIFICATION
Rating
UL=8A/300V, VDE=10A/250V
Insulation resistance
500M Ω/500V
Withstand voltage
AC2000V/1min
Contact resistance
20mΩ (max)
Working temperature
-40°C to +105°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tin plated brass
Rising clamp
Brass, nickel plated
Screw/torque
M2 steel, zinc plated 0.2Nm
Recommended PCB hole size
ø1.4mm
PART NO.
POLES
LENG TH
CTBP92HD/2
2
7.8mm
CTBP92HD/3
3
11.3mm
CTBP92HD/4
4
14.8mm
CTBP92HD/5
5
18.3mm
CTBP92HD/6
6
21.8mm
CTBP92HD/7
7
25.3mm
CTBP92HD/8
8
28.8mm
CTBP92HD/9
9
32.3mm
CTBP92HD/10
10
35.8mm
CTBP92HD/11
11
39.3mm
CTBP92HD/12
12
42.8mm
CTBP92HD
PART NO.
POLES
LENG TH
CTBP92VD/2S
2
7.8mm
CTBP92VD/3S
3
11.3mm
CTBP92VD/4S
4
14.8mm
CTBP92VD/5S
5
18.3mm
CTBP92VD/6S
6
21.8mm
CTBP92VD/7S
7
25.3mm
CTBP92VD/8S
8
28.8mm
CTBP92VD/9S
9
32.3mm
CTBP92VD/10S
10
35.8mm
CTBP92VD/11S
11
39.3mm
CTBP92VD/12S
12
42.8mm
CTBP92VD S
PART NO.
POLES
LENG TH
CTBP92VD/2R
2
7.8mm
CTBP92VD/3R
3
11.3mm
CTBP92VD/4R
4
14.8mm
CTBP92VD/5R
5
18.3mm
CTBP92VD/6R
6
21.8mm
CTBP92VD/7R
7
25.3mm
CTBP92VD/8R
8
28.8mm
CTBP92VD/9R
9
32.3mm
CTBP92VD/10R
10
35.8mm
CTBP92VD/11R
11
39.3mm
CTBP92VD/12R
12
42.8mm
CTBP92VD R
16.2
6.7
3.5
10.5
3.5
10.5
3.5
F emale c onnect or
F emale v ertical c onnect or ( s tandar d)
F emale v ertical c onnect or (r e v ersed)


Similar Part No. - CTBP93VD/2

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP93VD/2 CAMDENBOSS-CTBP93VD/2 Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP93VD/2 CAMDENBOSS-CTBP93VD/2 Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP93VD/2 CAMDENBOSS-CTBP93VD/2 Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
More results

Similar Description - CTBP93VD/2

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP92HD CAMDENBOSS-CTBP92HD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP92VD CAMDENBOSS-CTBP92VD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP92VE CAMDENBOSS-CTBP92VE Datasheet
793Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP93VD CAMDENBOSS-CTBP93VD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP93VE CAMDENBOSS-CTBP93VE Datasheet
791Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9408 CAMDENBOSS-CTBP9408 Datasheet
747Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
CTBP9508 CAMDENBOSS-CTBP9508 Datasheet
745Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
CTBP9558 CAMDENBOSS-CTBP9558 Datasheet
745Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com