Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFB06333CT/12 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CFB06333CT/12
Description  6.3x32mm ceramic fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CFB06333CT/12 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CFB06333CT/12 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
FUSES
232
DIECAST
ACCESSORIES
FUSED TERMINAL
BLOCKS
214
217
226
FUSEHOLDERS
FUSES
6.3x32mm c er amic fuses
PART NO.
RATING
CFB06333CF/500
500mA
CFB06333CF/630
630mA
CFB06333CF/750
750mA
CFB06333CF/1
1A
CFB06333CF/1.25
1.25A
CFB06333CF/1.5
1.5A
CFB06333CF/1.6
1.6A
CFB06333CF/2
2A
CFB06333CF/2.5
2.5A
6.3x32mm c er amic, quick blo w
6.3x32mm c er amic, time dela y
PART NO.
RATING
CFB06333CF/3
3A
CFB06333CF/3.15
3.15A
CFB06333CF/4
4A
CFB06333CF/5
5A
CFB06333CF/6.3
6.3A
CFB06333CF/7
7A
CFB06333CF/7.5
7.5A
CFB06333CF/8
8.A
CFB06333CF/10
10A
CFB06333CF/12
12A
CFB06333CF/12.5
12.5A
CFB06333CF/15
15A
CFB06333CF/20
20A
CFB06333CF/25
25A
PART NO.
RATING
CFB06333CT/500
500mA
CFB06333CT/630
630mA
CFB06333CT/750
750mA
CFB06333CT/800
800mA
CFB06333CT/1
1A
CFB06333CT/1.25
1.25A
CFB06333CT/1.5
1.5A
CFB06333CT/1.6
1.6A
CFB06333CT/2
2A
PART NO.
RATING
CFB06333CT/2.5
2.5A
CFB06333CT/3
3A
CFB06333CT/3.15
3.15A
CFB06333CT/4
4A
CFB06333CT/5
5A
CFB06333CT/6
6A
CFB06333CT/6.3
6.3A
CFB06333CT/7
7A
CFB06333CT/7.5
7.5A
CFB06333CT/8
8.A
CFB06333CT/10
10A
CFB06333CT/12
12A
CFB06333CT/12.5
12.5A
CFB06333CT/15
15A
Pr oduct o v ervie w
• Quick blow (F)
• Excellent I2T characteristics
• Welded element for enhanced vibration
tolerance
• Ceramic cartridge, nickel plated brass end
caps
• Break capacity
35A/250V (to 800mA),
100A/250V (to 3.5A),
200A/250V (above 3.5A)
• Operating temperature -55
°C to +125°C
• C
US
approved (500mA-3A) (4A-30A)
Pr oduct o v ervie w
• Time delay (T)
• Excellent I2T characteristics
• Welded element for enhanced vibration
tolerance
• Ceramic cartridge, nickel plated brass end caps
• Break capacity
35A/250V (to 1A),
100A/250V (to 3.5A),
200A/250V (above 3.5A)
• Operating temperature -55
°C +125°C
• C
US
approved (500mA-3A) (4A-25A)
CFB06 333CF
Average time current (I-T curves)
Current in amperes
CFB06 333CT
Average time current (I-T curves)
Current in amperes
CFB06333CF
CFB06333CT
0.01
0.1
1
10
100
1000
1
10
100
1000
0.1
0.01
0.1
1
10
100
1000
1
10
100
1000
0.1
31.8mm
Nominal
6.35mm


Similar Part No. - CFB06333CT/12

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFB06333CT/12 CAMDENBOSS-CFB06333CT/12 Datasheet
924Kb / 1P
6.3x32mm ceramic fuses
CFB06333CT/12.5 CAMDENBOSS-CFB06333CT/12.5 Datasheet
924Kb / 1P
6.3x32mm ceramic fuses
More results

Similar Description - CFB06333CT/12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
358 LITTELFUSE-358 Datasheet
71Kb / 2P
MINIATURE FUSES - 6.3x32mm
800 LITTELFUSE-800 Datasheet
78Kb / 1P
Panel Mount, Shocksafe 6.3x32mm Fuses
810 LITTELFUSE-810 Datasheet
83Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
811 LITTELFUSE-811 Datasheet
81Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
813 LITTELFUSE-813 Datasheet
83Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
860 LITTELFUSE-860 Datasheet
82Kb / 1P
Panel Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
862 LITTELFUSE-862 Datasheet
82Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
8000000010 LITTELFUSE-8000000010 Datasheet
47Kb / 1P
Panel Mount, Shocksafe 6.3x32mm Fuses
800-01 LITTELFUSE-800-01 Datasheet
78Kb / 1P
Panel Mount, Shocksafe 6.3x32mm Fuses
logo
CamdenBoss Ltd.
CFB06333CF CAMDENBOSS-CFB06333CF Datasheet
924Kb / 1P
6.3x32mm ceramic fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com