Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R6J30AXSP Datasheet(PDF) 2 Page - Marathon Special Products

Part # R6J30AXSP
Description  Flammability rating of insulator base UL94 V-0
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

R6J30AXSP Datasheet(HTML) 2 Page - Marathon Special Products

  R6J30AXSP Datasheet HTML 1Page - Marathon Special Products R6J30AXSP Datasheet HTML 2Page - Marathon Special Products R6J30AXSP Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.marathonsp.com
2
PDS 0375 REV-D 03/05/2019
Product Data Sheet
Termination Specifications
Line and Load
Side
Wire Size (CU Stranded)
Torque
Wires/ Terminal
Wire Class (UL)
#10 - #14
25 in. lbs (2.8 N-m)
1
Solid Cu, B, C
Installation & Accesorries
• Mounting (Panel or din):
- For use with #10 fastener
- Wire Strip length - 7/16”
- Mounting torque to be determined in end use
application. Not to exceed 20 lbf-in (2.3 N-M)
•Fuse Information:
- Fuses are not supplied by MSP
- Holds fuse size 13/16” diameter x 2 1/4”
- Although any 30A Class J fuses can be used, commonly used J-Class fuses are as follows, but not limited to:
A4J, AJT, JKS, JLS, JTD, JTD_ID, LPJ
- Life cycle status of these noted fuses has not been reviewed, and others are available
• Cover:
- Cover: CC630. Glass-filled polycarbonate (thermoplastic). 125°C (UL RTI), Flammability rating UL 94 V-0, UL Listed File
No. JDVS2.181825.
- Expander Block (R6J30AEB)
- DIN Rail (35 x 7.5mm, 2 m long, slotted) MN35-2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com