Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHDX8-334 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CHDX8-334
Description  X6 Series IP67 Electrical Knockout Enclosure - Polycarbonate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CHDX8-334 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CHDX8-334 Datasheet HTML 1Page - CamdenBoss Ltd. CHDX8-334 Datasheet HTML 2Page - CamdenBoss Ltd. CHDX8-334 Datasheet HTML 3Page - CamdenBoss Ltd. CHDX8-334 Datasheet HTML 4Page - CamdenBoss Ltd. CHDX8-334 Datasheet HTML 5Page - CamdenBoss Ltd. CHDX8-334 Datasheet HTML 6Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
319
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
HANDHELD CASES
268
2 92
317
3 41
3 69
UNIVERSAL
PLASTIC
ENCLOSURES
HEAVY DUTY
AND ELECTRICAL
ENCLOSURES
DEVELOPMENT
BOARD
ENCLOSURES
VERSATILE IOT
AND SENSOR
ENCLOSURES
HEAV Y DUTY AND ELECTRICAL ENCLO SURES
FM 28614
X6 Series IP6 7 Electrical Knock out
Enclosur e - P oly carbona t e
Pr oduct o v ervie w
• Screw type lid with knockouts on the base
• Moulded in high quality polycarbonate
• Pillars in the base can be used for PCB
mounting or DIN rail mounting, etc.
• Gasket moulded into the enclosure lid
• Clear lid option available
• Captive, polyamide lid screws included
• Larger sizes include two brass inserts at either
end of the base, suitable for DIN rails
• Wall mounting accessories available
• X6 series meets the requirements of IP67
(equivalent to NEMA 6)
• IK08 impact tested
SPECIFICATION
Materials
Polycarbonate UL94-V0
Operating temperature
-40°C to + 110°C
Protection class
X6 series has been tested and
meets the requirements of IP67,
IK08
Standard colours
Grey, transparent lid option
Standard unit includes
Box, lid, 4 screws
Available accessories
Mount plates and wall mounts
SOLID LID
CLEAR LID
LENG TH
WIDTH
HEIGHT
CHDX6-221
CHDX6-221C
110mm
80mm
70mm
CHDX6-222
CHDX6-222C
110mm
80mm
85mm
CHDX6-223
CHDX6-223C
130mm
80mm
70mm
CHDX6-224
CHDX6-224C
130mm
80mm
85mm
CHDX6-225
CHDX6-225C
180mm
80mm
70mm
CHDX6-226
CHDX6-226C
180mm
80mm
85mm
CHDX6-227
CHDX6-227C
250mm
80mm
70mm
CHDX6-228
CHDX6-228C
250mm
80mm
85mm
CHDX6-229
CHDX6-229C
175mm
127mm
75mm
CHDX6-230
CHDX6-230C
175mm
127mm
100mm
CHDX6
KEY FEATURES
IP6 7 r a t ed enclosur e | IK0 7/ 08 impact t es t ed | Metric siz ed knock outs
Vers 4


Similar Part No. - CHDX8-334

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CHDX8-334 CAMDENBOSS-CHDX8-334 Datasheet
723Kb / 6P
X7 series electrical heavy duty enclosures-polycarbonate
CHDX8-334 CAMDENBOSS-CHDX8-334 Datasheet
769Kb / 6P
X8 Series Waterproof Hinged Door Enclosure - Polycarbonate
CHDX8-334C CAMDENBOSS-CHDX8-334C Datasheet
769Kb / 6P
X8 Series Waterproof Hinged Door Enclosure - Polycarbonate
More results

Similar Description - CHDX8-334

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ABOX060 ALTECH-ABOX060 Datasheet
142Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE ABOX 060
AK12 ALTECH-AK12 Datasheet
177Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 12
AK28 ALTECH-AK28 Datasheet
251Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 28
EK002 ALTECH-EK002_13 Datasheet
66Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK002
EK004 ALTECH-EK004 Datasheet
64Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK004
EK008 ALTECH-EK008 Datasheet
67Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK008
EK012 ALTECH-EK012 Datasheet
68Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK012
EK024 ALTECH-EK024 Datasheet
77Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK024
TK55 ALTECH-TK55 Datasheet
70Kb / 1P
POLYCARBONATE ENCLOSURE TK 55
TK75 ALTECH-TK75 Datasheet
67Kb / 1P
POLYCARBONATE ENCLOSURE TK 75
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com