Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHDX8-332 Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CHDX8-332
Description  X7 series electrical heavy duty enclosures-polycarbonate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CHDX8-332 Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CHDX8-332 Datasheet HTML 1Page - CamdenBoss Ltd. CHDX8-332 Datasheet HTML 2Page - CamdenBoss Ltd. CHDX8-332 Datasheet HTML 3Page - CamdenBoss Ltd. CHDX8-332 Datasheet HTML 4Page - CamdenBoss Ltd. CHDX8-332 Datasheet HTML 5Page - CamdenBoss Ltd. CHDX8-332 Datasheet HTML 6Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
HEAV Y DUTY AND ELECTRICAL ENCLO SURES
324
DIECAST
ACCESSORIES
HANDHELD CASES
268
2 92
318
342
348
3 67
370
UNIVERSAL
ENCLOSURES
HEAVY DUTY
AND ELECTRICAL
ENCLOSURES
DESKTOP AND
INSTRUMENT
CASES
DEVELOPMENT
BOARD
ENCLOSURES
VERSATILE IOT
AND SENSOR
ENCLOSURES
CUSTOM SIZED
ENCLOSURES
FM 28614
Vers 5
X7 series electrical hea v y duty
enclosur es - ABS
Pr oduct o v ervie w
• Heavy duty screw type enclosure
• Moulded in high quality ABS
• Pillars in the base can be used for PCB
mounting or DIN rail mounting, etc.
• Gasket moulded into the enclosure lid
• Clear lid option available
• Captive, polyamide lid screws included
• Wall mount accessory available
• X7 series meets the requirements of IP67
(equivalent to NEMA 6)
• IK08 impact tested
CHDX7
SPECIFICATION
Materials
ABS UL94-HB
Operating temperature
-40°C- to + 70°C
Protection class
X7 series has been tested and
meets the requirements of IP67,
IK08
Standard colours
Grey, transparent lid option
Standard unit Includes
Box and lid, 4 screws
Available accessories
Mount plates, vents, wall mounts
SOLID LID
CLEAR LID
LENG TH
WIDTH
HEIGHT
CORNER
PILLARS
CHDX7-337
CHDX7-337C
80mm
80mm
60mm
No
CHDX7-321
CHDX7-321C
190mm
190mm
130mm
Yes
CHDX7-322
CHDX7-322C
380mm
190mm
130mm
Yes
CHDX7-323
CHDX7-323C
380mm
190mm
180mm
Yes
CHDX7-324
CHDX7-324C
380mm
280mm
180mm
Yes
CHDX7-325
CHDX7-325C
430mm
330mm
180mm
Yes
CHDX7-326
CHDX7-326C
280mm
190mm
130mm
Yes
CHDX7-327
CHDX7-327C
280mm
190mm
180mm
Yes
CHDX7-328
CHDX7-328C
280mm
280mm
130mm
Yes
CHDX7-329
CHDX7-329C
340mm
280mm
130mm
Yes
CHDX7-330
CHDX7-330C
380mm
280mm
130mm
Yes
CHDX7-331
CHDX7-331C
560mm
280mm
130mm
Yes
CHDX7-332
CHDX7-332C
560mm
380mm
180mm
Yes
KEY FEATURES
Rugged hea v y duty mould | IP6 7 r a t ed enclosur e | PCB s tand offs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com