Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHDX8-335 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CHDX8-335
Description  X7 series electrical heavy duty enclosures-polycarbonate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CHDX8-335 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CHDX8-335 Datasheet HTML 1Page - CamdenBoss Ltd. CHDX8-335 Datasheet HTML 2Page - CamdenBoss Ltd. CHDX8-335 Datasheet HTML 3Page - CamdenBoss Ltd. CHDX8-335 Datasheet HTML 4Page - CamdenBoss Ltd. CHDX8-335 Datasheet HTML 5Page - CamdenBoss Ltd. CHDX8-335 Datasheet HTML 6Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
323
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
HANDHELD CASES
268
2 92
318
342
348
3 67
370
UNIVERSAL
ENCLOSURES
HEAVY DUTY
AND ELECTRICAL
ENCLOSURES
DESKTOP AND
INSTRUMENT
CASES
DEVELOPMENT
BOARD
ENCLOSURES
VERSATILE IOT
AND SENSOR
ENCLOSURES
CUSTOM SIZED
ENCLOSURES
HEAV Y DUTY AND ELECTRICAL ENCLO SURES
FM 28614
Vers 5
X7 series electrical hea v y duty
enclosur es - poly carbona t e
Pr oduct o v ervie w
• Heavy duty screw type enclosure
• Moulded in high quality polycarbonate
• Pillars in the base can be used for PCB
mounting or DIN rail mounting, etc.
• Gasket moulded into the enclosure lid
• Clear lid option available
• Captive, polyamide lid screws included
• Wall mount accessory available
• X7 series meets the requirements of IP67
(equivalent to NEMA 6)
• IK08 impact tested
CHDX7
SPECIFICATION
Materials
Polycarbonate UL94-V0
Operating temperature
-40°C to + 110°C
Protection class
X7 series has been tested and
meets the requirements of IP67,
IK08
Standard colours
Grey, transparent lid option
Standard unit Includes
Box and lid, 4 screws
Available accessories
Mount plates, vents, wall mounts
SOLID LID
CLEAR LID
LENG TH
WIDTH
HEIGHT
CORNER
PILLARS
CHDX7-237
CHDX7-237C
80mm
80mm
60mm
No
CHDX7-221
CHDX7-221C
190mm
190mm
130mm
Yes
CHDX7-222
CHDX7-222C
380mm
190mm
130mm
Yes
CHDX7-223
CHDX7-223C
380mm
190mm
180mm
Yes
CHDX7-224
CHDX7-224C
380mm
280mm
180mm
Yes
CHDX7-225
CHDX7-225C
430mm
330mm
180mm
Yes
CHDX7-226
CHDX7-226C
280mm
190mm
130mm
Yes
CHDX7-227
CHDX7-227C
280mm
190mm
180mm
Yes
CHDX7-228
CHDX7-228C
280mm
280mm
130mm
Yes
CHDX7-229
CHDX7-229C
340mm
280mm
130mm
Yes
CHDX7-230
CHDX7-230C
380mm
280mm
130mm
Yes
CHDX7-231
CHDX7-231C
560mm
280mm
130mm
Yes
CHDX7-232
CHDX7-232C
560mm
380mm
180mm
Yes
KEY FEATURES
Rugged hea v y duty mould | IP6 7 r a t ed enclosur e | PCB s tand offs


Similar Part No. - CHDX8-335

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CHDX8-335 CAMDENBOSS-CHDX8-335 Datasheet
842Kb / 6P
X6 Series IP67 Electrical Knockout Enclosure - Polycarbonate
CHDX8-335 CAMDENBOSS-CHDX8-335 Datasheet
769Kb / 6P
X8 Series Waterproof Hinged Door Enclosure - Polycarbonate
CHDX8-335C CAMDENBOSS-CHDX8-335C Datasheet
769Kb / 6P
X8 Series Waterproof Hinged Door Enclosure - Polycarbonate
More results

Similar Description - CHDX8-335

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL1021 ETC1-SL1021 Datasheet
78Kb / 2P
Medium / Heavy Duty Arrester Series
logo
Tyco Electronics
2-1437393-3 MACOM-2-1437393-3 Datasheet
420Kb / 14P
200 Series Heavy Duty
logo
List of Unclassifed Man...
G2128 ETC2-G2128 Datasheet
91Kb / 1P
Multipurpose Enclosures - ABS and Polycarbonate
logo
Hammond Manufacturing L...
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
Laird Tech Smart Techno...
S2403BP LSTD-S2403BP Datasheet
276Kb / 1P
Polycarbonate enclosures
logo
3M Electronics
TAPE22 3M-TAPE22 Datasheet
30Kb / 4P
Heavy Duty Vinyl Electrical Tape 22
Rev D
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
Watertight Polycarbonate Miniature Enclosures
7/24/22
logo
Bud Industries, Inc.
HD-7606 BUD-HD-7606 Datasheet
135Kb / 1P
HD SERIES - HEAVY DUTY NEAMA
1/6/2022
HD-7608 BUD-HD-7608 Datasheet
237Kb / 1P
HD SERIES - HEAVY DUTY NEAMA
1/8/2022
logo
CamdenBoss Ltd.
CHDX6 CAMDENBOSS-CHDX6 Datasheet
842Kb / 6P
X6 Series IP67 Electrical Knockout Enclosure - Polycarbonate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com