| Electronic Components Datasheet Search |
|
SAA7221HS/C1 Datasheet(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA7221HS/C1 Datasheet(HTML) 15 Page - NXP Semiconductors |
|
15 / 20 page ![]() 1999 Aug 25 15 Philips Semiconductors Preliminary specification STB5860 (Set-Top Box) STB concept OM5730 Anti-flickering The anti-flickering demonstration highlights the functions available in the SAA7215 to reduce the line flickering in graphics regions. During this demonstration, 2 graphics regions are displayed. One with anti-flickering and one without. The contents of the bit map in the regions is one that shows flickering without anti-flicker measures active. Video and audio decoding are still active and visible during the demonstration. Grab frame store to OSD and scale 1 ⁄4 continuously location A picture of the running video is grabbed and displayed 1 ⁄4 of its original size as a 16-bit, bit map on a graphics plane. The picture data of an I or P picture is copied from a frame store to SDRAM2 memory. During the copy the format of the data is converted from 4:2:0 format to 4:2:2 and converted into the graphics memory bit map format. Then the picture is displayed on the screen. The demonstration runs continuously. It displays the running video while a graphics region 1 ⁄4th of the screen size is in the top left corner. This graphics region is showing the I and P pictures of the running video. Scale 1 ⁄9 of 16 bits/pixel graphics location This demonstration shows a 16 bits/pixel bit map in an OSD region on the screen. This picture will be scaled to a factor 1 ⁄4 and 1⁄9 of the original size and displayed on the screen, after the original is removed. The scaling is done by using a software routine that executes a DMU program. During the demonstration, audio and video is playing. Menu during all the demonstrations, graphics regions with menu bars and buttons are visible for control of the demonstration Scaling Cut-out Display of 16 : 9 video on a 4 : 3 display by cutting out 4 : 3 centres and panning/scanning. This demonstration shows the pan/scan control via the left/right cursor keys. This function would usually be under control from data in the transport stream. Letter-box display of 16 : 9 video on a 4 : 3 display using letter-boxing Continuous horizontal, vertical steps allows a window to be selected using the cursor; the video will then be resized to fit the selected window Video control Video control scan, freeze, play and stop Teletext Teletext switch on and off of the VBI insertion by using a graphics region in VBI lines Debug Event logging user enabled event logging provided via the RS232 debug socket SCREEN FEATURE |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |