Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTBPD96HG/6 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBPD96HG/6
Description  5mm DIN rail mounte d i nve r ted/ reve r s e terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBPD96HG/6 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBPD96HG/6 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
65
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
SCREWLES S
S TANDARD
PL UGGABLES
5mm DIN r ail mount ed in v ert ed/
r e v erse t erminal blocks
Pr oduct o v ervie w
• Horizontal orientations
• Polarized moldings
• Can be reversed on DIN clips
• Also available in 5.08mm pitch
• Molded in green UL94-V0 flame retardant PA 66
• 2.5mm2 (28-14AWG)
• C
US ,
approved
• 6-12 poles standard (13-24 also available)
PART NO.
POLES
LENG TH
CTBPD96HG/6
6
31.4mm
CTBPD96HG/7
7
36.4mm
CTBPD96HG/8
8
41.4mm
CTBPD96HG/9
9
46.4mm
CTBPD96HG/10
10
51.4mm
CTBPD96HG/11
11
56.4mm
CTBPD96HG/12
12
61.4mm
CTBPD96HG
PART NO.
POLES
LENG TH A
LENG TH B
CTBPD96HG/6FL
6
31.4mm
40.0mm
CTBPD96HG/7FL
7
36.4mm
45.0mm
CTBPD96HG/8FL
8
41.4mm
50.0mm
CTBPD96HG/9FL
9
46.4mm
55.0mm
CTBPD96HG/10FL
10
51.4mm
60.0mm
CTBPD96HG/11FL
11
56.4mm
65.0mm
CTBPD96HG/12FL
12
61.4mm
70.0mm
CTBPD96HG/FL
SPECIFICATION
Rating
UL=15A/300V IEC 20A/450V
Insulation resistance
500MΩ/500V
Withstand Voltage
AC2000V/1min
Contact Resistance
20mΩ (max)
Working Temperature
-40°C to 105+°C
Mouldings
UL94-V0 Flame retardant PA66
Pin/Terminal
Brass, Tin plated
Rising Clamp
Brass, nickel plated
Screw/Torque
M3 Steel, zinc plated 0.5Nm
DIN r ail mounting male horiz ontal
DIN r ail mounting male horiz ontal flanged
31.4
5
19.2
42.5
12.3
20.2
19.2
1
11.6
8.4
11.6
19.2
42.5
12.3
20.2
19.2
1
11.6
8.4
11.6
5
5
Length B
Length A


Similar Part No. - CTBPD96HG/6

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBPD96HJ CAMDENBOSS-CTBPD96HJ Datasheet
589Kb / 1P
5 .08mm DIN rail mounte dinverted/ reverse terminal blocks
CTBPD96HJ/10 CAMDENBOSS-CTBPD96HJ/10 Datasheet
589Kb / 1P
5 .08mm DIN rail mounte dinverted/ reverse terminal blocks
CTBPD96HJ/10 CAMDENBOSS-CTBPD96HJ/10 Datasheet
589Kb / 1P
5 .08mm DIN rail mounte dinverted/ reverse terminal blocks
CTBPD96HJ/11 CAMDENBOSS-CTBPD96HJ/11 Datasheet
589Kb / 1P
5 .08mm DIN rail mounte dinverted/ reverse terminal blocks
CTBPD96HJ/11 CAMDENBOSS-CTBPD96HJ/11 Datasheet
589Kb / 1P
5 .08mm DIN rail mounte dinverted/ reverse terminal blocks
More results

Similar Description - CTBPD96HG/6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC-736A ETC2-SSC-736A Datasheet
814Kb / 32P
S O L D E R I N G , D E S O L D E R I N G A N D R E W O R K S Y S T E M S
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
I N R U S H C U R R E N T L I M I T E R S
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJUR0620CT ETL-GJUR0620CT Datasheet
427Kb / 2P
S U P E R FA S T R E CO V E RY R E C T I F I E R
GN809 ETL-GN809 Datasheet
378Kb / 4P
 P r o c e s s o r S u p e r v i s o r y
logo
Insel Rectifier India P...
DS7000SK IRI-DS7000SK Datasheet
1Mb / 4P
S T A N D A R D R E C O V E R Y D I O D E
logo
CamdenBoss Ltd.
CTBP96HJ CAMDENBOSS-CTBP96HJ Datasheet
912Kb / 2P
5 .08mm inve r ted/reve r s e terminal blocks
CTBPD96HJ CAMDENBOSS-CTBPD96HJ Datasheet
589Kb / 1P
5 .08mm DIN rail mounte dinverted/ reverse terminal blocks
CTBPD96VJ CAMDENBOSS-CTBPD96VJ Datasheet
589Kb / 1P
5 .08mm DIN rail mounte dinverted/ reverse terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com