Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL8176FSZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL8176FSZ
Description  Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8176FSZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL8176FSZ Datasheet HTML 5Page - Intersil Corporation EL8176FSZ Datasheet HTML 6Page - Intersil Corporation EL8176FSZ Datasheet HTML 7Page - Intersil Corporation EL8176FSZ Datasheet HTML 8Page - Intersil Corporation EL8176FSZ Datasheet HTML 9Page - Intersil Corporation EL8176FSZ Datasheet HTML 10Page - Intersil Corporation EL8176FSZ Datasheet HTML 11Page - Intersil Corporation EL8176FSZ Datasheet HTML 12Page - Intersil Corporation EL8176FSZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN7436.6
October 26, 2006
FIGURE 34. -SLEW RATE vs TEMPERATURE VS = ±2.5V
INPUT = ±0.75V, AV = 2
FIGURE 35. AVOL, RL = 100k VO @+2V/-2V @VS ±2.5V
FIGURE 36. ENABLE DELAY TIME
FIGURE 37. DISABLE DELAY TIME
FIGURE 38. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 39. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
n = 12
MEDIAN
MIN
MAX
0
100
200
300
400
500
600
700
800
900
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
SOT-23
MEDIAN
MAX
MIN
OUTPUT
ENABLE INPUT
OUTPUT
ENABLE INPUT
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
0.4
1
0.8
0.2
0.6
0
100
125
150
AMBIENT TEMPERATURE (°C)
50
25
75 85
435mW
909mW
θ
JA=2
30°C
/W
SO
T23
-6
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
0.2
0.7
0.6
0.1
0.4
0.5
0.3
0
100
125
150
AMBIENT TEMPERATURE (°C)
50
25
75 85
391mW
625mW
θ
JA =
256
°C
/W
SO
T2
3-6
EL8176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com