Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFPC60LC-P Datasheet(PDF) 2 Page - International Rectifier

Part # IRFPC60LC-P
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPC60LC-P Datasheet(HTML) 2 Page - International Rectifier

  IRFPC60LC-P Datasheet HTML 1Page - International Rectifier IRFPC60LC-P Datasheet HTML 2Page - International Rectifier IRFPC60LC-P Datasheet HTML 3Page - International Rectifier IRFPC60LC-P Datasheet HTML 4Page - International Rectifier IRFPC60LC-P Datasheet HTML 5Page - International Rectifier IRFPC60LC-P Datasheet HTML 6Page - International Rectifier IRFPC60LC-P Datasheet HTML 7Page - International Rectifier IRFPC60LC-P Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.irf.com
IRFPC60LC-P
Notes:
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.8
V
TJ = 25°C, IS = 16A, VGS = 0V
„
trr
Reverse Recovery Time
–––
650
980
ns
TJ = 25°C, IF = 16A
Qrr
Reverse RecoveryCharge
–––
6.0
9.0
µC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ VDD = 25V, starting TJ = 25°C, L = 7.2mH
RG = 25Ω, IAS = 16A. (See Figure 12)
ƒ I
SD ≤ 16A, di/dt ≤ 140A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Source-Drain Ratings and Characteristics
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
600
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.63
–––
V/°C
Reference to 25°C, ID = 1mA
RDS(ON)
Static Drain-to-Source On-Resistance
–––
–––
0.40
Ω
VGS = 10V, ID = 9.6A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
11
–––
–––
SVDS = 50V, ID = 9.6A
–––
–––
25
VDS = 600V, VGS = 0V
–––
–––
250
VDS = 480V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
Qg
Total Gate Charge
–––
–––
120
ID = 16A
Qgs
Gate-to-Source Charge
–––
–––
29
nC
VDS = 360V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
48
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
17
–––
VDD = 300V
tr
Rise Time
–––
57
–––
ID = 16A
td(off)
Turn-Off Delay Time
–––
43
–––
RG = 4.3Ω
tf
Fall Time
–––
38
–––
RD = 18Ω, See Fig. 10
„
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
––– 3500 –––
VGS = 0V
Coss
Output Capacitance
–––
400
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
39
–––
ƒ = 1.0MHz, See Fig. 5
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
–––
–––
64
–––
–––
16
A
nH
LD
Internal Drain Inductance
–––
5.0
–––
LS
Internal Source Inductance
–––
13
–––
IDSS
Drain-to-Source Leakage Current
IGSS
ns
µA
nA
S
D
G
S
D
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com