Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFPS38N60LPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFPS38N60LPBF
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPS38N60LPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFPS38N60LPBF Datasheet HTML 1Page - International Rectifier IRFPS38N60LPBF Datasheet HTML 2Page - International Rectifier IRFPS38N60LPBF Datasheet HTML 3Page - International Rectifier IRFPS38N60LPBF Datasheet HTML 4Page - International Rectifier IRFPS38N60LPBF Datasheet HTML 5Page - International Rectifier IRFPS38N60LPBF Datasheet HTML 6Page - International Rectifier IRFPS38N60LPBF Datasheet HTML 7Page - International Rectifier IRFPS38N60LPBF Datasheet HTML 8Page - International Rectifier IRFPS38N60LPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFPS38N60LPbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See Fig. 11)
‚ Starting TJ = 25°C, L = 0.91mH, RG = 25Ω,
IAS = 38A, dv/dt = 13V/ns. (See Figure 12a)
ƒ ISD ≤ 38A, di/dt ≤ 630A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff.(ER) is a fixed capacitance that stores the same energy
as Coss while VDS is rising from 0 to 80% VDSS.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
600
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.41
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
120
150
m
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
50
µA
–––
–––
2.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
1.2
–––
Ω
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
20
–––
–––
S
Qg
Total Gate Charge
–––
–––
320
Qgs
Gate-to-Source Charge
–––
–––
85
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
160
td(on)
Turn-On Delay Time
–––
44
–––
tr
Rise Time
–––
130
–––
ns
td(off)
Turn-Off Delay Time
–––
92
–––
tf
Fall Time
–––
69
–––
Ciss
Input Capacitance
–––
7990
–––
Coss
Output Capacitance
–––
740
–––
Crss
Reverse Transfer Capacitance
–––
72
–––
pF
Coss eff.
Effective Output Capacitance
–––
350
–––
Coss eff. (ER) Effective Output Capacitance
–––
260
–––
(Energy Related)
Avalanche Characteristics
Symbol
Parameter
Typ.
Units
EAS
Single Pulse Avalanche Energy
d
–––
mJ
IAR
Avalanche Current
Ù
–––
A
EAR
Repetitive Avalanche Energy
™
–––
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Units
RθJC
Junction-to-Case
–––
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
°C/W
RθJA
Junction-to-Ambient
–––
VDS = VGS, ID = 250µA
VDS = 600V, VGS = 0V
VDS = 480V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 23A
f
VGS = 30V
f = 1MHz, open drain
Conditions
VDS = 50V, ID = 23A
VGS = -30V
ID = 38A
VDS = 480V
VGS = 10V, See Fig. 7 & 15
f
VDD = 300V
ID = 38A
RG = 4.3Ω
VGS = 10V, See Fig. 11a & 11b
f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz, See Fig. 5
38
54
Max.
680
VGS = 0V,VDS = 0V to 480V
g
40
Max.
0.22
–––



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com