Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85063AT/A Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF85063AT/A
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT/A Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF85063AT/A Datasheet HTML 29Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 30Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 31Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 32Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 33Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 34Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 35Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 36Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Tstg
storage temperature
[5] -65
+150
°C
Tamb
ambient temperature
operating device
-40
+85
°C
Table 39. Limiting values[1]...continued
[1]
Remark: The PCF85063A part is not guaranteed (nor characterized) above the operating range as denoted in the datasheet. NXP recommends not to
bias the PCF85063A device during reflow (e.g. if utilizing a 'coin' type battery in the assembly). If customer so chooses to continue to use this assembly
method, there must be the allowance for a full \Q0 V' level Power supply \Qreset' to re-enable the device. Without a proper POR, the device may remain in
an indeterminate state.
[2]
Pass level; Human Body Model (HBM) according to [1].
[3]
Pass level; Charged-Device Model (CDM), according to [2].
[4]
Pass level; latch-up testing, according to [3] at maximum ambient temperature (Tamb(max)).
[5]
According to the store and transport requirements (see [10]) the devices have to be stored at a temperature of +8 °C to +45 °C and a humidity of 25 % to
75 %.
12 Characteristics
VDD = 0.9 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +85 °C; fosc = 32.768 kHz; quartz Rs = 60 kΩ; CL = 7 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
interface inactive; fSCL
= 0 Hz
[1] 0.9
-
5.5
V
VDD
supply voltage
interface active; fSCL =
400 kHz
[2] 1.8
-
5.5
V
CLKOUT disabled;
VDD = 3.3 V
[3]
interface inactive;
fSCL = 0 Hz
Tamb = 25 °C
-
220
450
nA
Tamb = 50 °C
[4] -
250
500
nA
Tamb = 85 °C
-
470
600
nA
IDD
supply current
interface active;
fSCL = 400 kHz
-
18
50
μA
Inputs[5]
VI
input voltage
-0.5
-
+5.5
V
VIL
LOW-level input voltage
-0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
VI = VSS or VDD
-
0
-
μA
ILI
input leakage current
post ESD event
-0.15
-
+0.15
μA
Ci
input capacitance
[6] -
-
7
pF
Outputs
VOH
HIGH-level output voltage
on pin CLKOUT
0.8VDD
-
VDD
V
Table 40. Static characteristics
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
33 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com