Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85063ATT/A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF85063ATT/A
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063ATT/A Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF85063ATT/A Datasheet HTML 1Page - NXP Semiconductors PCF85063ATT/A Datasheet HTML 2Page - NXP Semiconductors PCF85063ATT/A Datasheet HTML 3Page - NXP Semiconductors PCF85063ATT/A Datasheet HTML 4Page - NXP Semiconductors PCF85063ATT/A Datasheet HTML 5Page - NXP Semiconductors PCF85063ATT/A Datasheet HTML 6Page - NXP Semiconductors PCF85063ATT/A Datasheet HTML 7Page - NXP Semiconductors PCF85063ATT/A Datasheet HTML 8Page - NXP Semiconductors PCF85063ATT/A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Pin
Symbol
PCF85063AT
PCF85063ATL PCF85063ATT
Type
Description
INT[1]
3
4
3
output
interrupt output (open-drain)
VSS
4
5[2]
4
supply
ground supply voltage
SDA[1]
5
6
5
input/output serial data line
SCL[1]
6
7
6
input
serial clock input
n.c.
-
8
-
-
not connected
CLKOUT
7
9
7
output
clock output (push-pull)
VDD
8
10
8
supply
supply voltage
Table 3. Pin description...continued
[1]
NXP recommends tying VDD of the device and VDD of all the external pull-up resistors to the same Power Supply.
[2]
The die paddle (exposed pad) is connected to VSS through high ohmic (non-conductive) silicon attach and should be electrically isolated. It is good
engineering practice to solder the exposed pad to an electrically isolated PCB copper pad as shown in Figure 37"Footprint information for reflow soldering
of SOT1197-1 (DFN2626-10) of PCF85063ATL" for better heat transfer but it is not required as the RTC doesn’t consume much power. In no case should
traces be run under the package exposed pad.
7 Functional description
The PCF85063A contains 18 8-bit registers with an auto-incrementing register address, an on-chip 32.768 kHz
oscillator with integrated capacitors, a frequency divider which provides the source clock for the Real-Time
Clock (RTC) and calender, and an I2C-bus interface with a maximum data rate of 400 kbit/s.
The built-in address register will increment automatically after each read or write of a data byte up to the register
11h. After register 11h, the auto-incrementing will wrap around to address 00h (see Figure 5).
aaa-004431
address register
00h
auto-increment
wrap around
01h
02h
03h
...
0Fh
10h
11h
Figure 5. Handling address registers
All registers (see Table 4) are designed as addressable 8-bit parallel registers although not all bits are
implemented. The first two registers (memory address 00h and 01h) are used as control and status register.
The register at address 02h is an offset register allowing the fine-tuning of the clock; and at 03h is a free
RAM byte. The addresses 04h through 0Ah are used as counters for the clock function (seconds up to years
counters). Address locations 0Bh through 0Fh contain alarm registers which define the conditions for an alarm.
The registers at 10h and 11h are for the timer function.
The Seconds, Minutes, Hours, Days, Months, and Years as well as the corresponding alarm registers are all
coded in Binary Coded Decimal (BCD) format. When one of the RTC registers is written or read, the contents
of all time counters are frozen. Therefore, faulty writing or reading of the clock and calendar during a carry
condition is prevented. For details on maximum access time, see Section 7.4.
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
4 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com