Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85063AT/AAZ Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF85063AT/AAZ
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT/AAZ Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF85063AT/AAZ Datasheet HTML 11Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 12Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 13Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 14Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 15Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 16Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 17Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 18Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Correction value
Update every nth hour
Minute
Correction pulses on INT
per minute[1]
+59 or -59
2
00 to 58
1
+60 or -60
2
00 to 59
1
2
00 to 59
1
+61 or -61
2nd and next hour
00
1
2
00 to 59
1
+62 or -62
2nd and next hour
00 and 01
1
02
00 to 59
1
+63 or -63
2nd and next hour
00, 01, and 02
1
02
00 to 59
1
-64
2nd and next hour
00, 01, 02, and 03
1
Table 13. Correction pulses for MODE = 0...continued
[1]
The correction pulses on pin INT are 1⁄64 s wide.
In MODE = 0, any timer or clock output using a frequency below 64 Hz is affected by the clock correction (see
Table 14).
Frequency (Hz)
Effect of correction
CLKOUT
32 768
no effect
16 384
no effect
8 192
no effect
4 096
no effect
2 048
no effect
1 024
no effect
1
affected
Timer source clock
4 096
no effect
64
no effect
1
affected
1⁄60
affected
Table 14. Effect of correction pulses on frequencies for MODE = 0
7.2.3.2 Correction when MODE = 1
The correction is triggered once every four minutes and then correction pulses are applied once per second
up to a maximum of 60 pulses. When correction values greater than 60 pulses are used, additional correction
pulses are made in the 59th second.
Clock correction is made more frequently in MODE = 1; however, this can result in higher power consumption.
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
15 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com