Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMT310 Datasheet(PDF) 1 Page - Vaisala

Part # MMT310
Description  MMT310 Series Moisture and Temperature Transmitters for Oil
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

MMT310 Datasheet(HTML) 1 Page - Vaisala

  MMT310 Datasheet HTML 1Page - Vaisala MMT310 Datasheet HTML 2Page - Vaisala MMT310 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMT310 Series Moisture and
Temperature Transmitters for Oil
Features
• Continuous measurement of
moisture in oil
• Proven Vaisala HUMICAPâ sensor,
over 15 years in oil applications
• Measurements in lubrication,
hydraulic and transformer oils
• Excellent pressure and
temperature tolerance
• Measuring water activity - ppm
calculation for transformer oil
• Small size, easy to integrate
• Traceable calibration for
measurement and analog outputs
(certificates included)
• Applications: e.g. monitoring of
transformer oil and of lubrication
systems in marine and paper
industry
Vaisala HUMICAPâ Moisture and Temperature Transmitter Series for Oil MMT310 is a
fast and reliable online detector for moisture in oil.
Reliable Vaisala HUMICAPâ
Technology
The MMT310 series incorporates the
latest generation of the Vaisala HUMICAP
sensor, developed for demanding
moisture measurement in liquid
hydrocarbons. The sensor’s excellent
chemical tolerance provides accurate
and reliable measurement over the wide
measurement range.
Measuring Water Activity
MMT310 measures moisture in oil in
terms of the water activity (aw) and
temperature (T). Water activity indicates
directly whether there is a risk of free-
water formation. The measurement is
independent of oil type, age, and
temperature.
Water Content as PPM
Calculation for Transformer
Oils
PPM units are traditionally used in
transformer applications. They indicate
the average mass concentration of water
in oil. The ppm calculation for mineral oil
based transformer oil is optional in the
MMT310 series.
Diverse Applications and
Demanding Conditions
MMT310 can be used in lubrication and
hydraulic systems as well as in
transformers. It can be used for on-line
moisture monitoring and as a control
function, allowing separators and oil
purifiers to be started only when
necessary.
Installation Options
MMT310 has two adjustable probe
lengths. The transmitter can be ordered
with a ball-valve set that enables the
insertion and removal of the moisture
probe for calibration, without the need to
empty the oil system.
MMT317 has a small pressuretight probe
with optional Swagelok fittings.
An optional rain shield is available for
outdoor installations.
Several Outputs, One
Connector
The MMT310 series has two analog
outputs and an RS-232 serial output. The
output signals and the supply power
travel in the same cable, the only cable
connected to the unit.


Similar Part No. - MMT310

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
MMT3.15 CONQUER-MMT3.15 Datasheet
200Kb / 1P
8.35 x 3.95 x 5.0 mm
logo
Vaisala
MMT330 VAISALA-MMT330 Datasheet
3Mb / 5P
MMT330 Series Moisture and Temperature Transmitters for Oil
logo
List of Unclassifed Man...
MMT3546 ETC1-MMT3546 Datasheet
60Kb / 2P
SWITCHING TRANSISTOR
logo
METZ CONNECT GmbH
MMT361A315 METZ-MMT361A315 Datasheet
161Kb / 4P
Leiterplattenbuchse M12 IP67 PCB Jack M12 IP67
MMT371A3B5 METZ-MMT371A3B5 Datasheet
1Mb / 5P
Leiterplattenbuchse M12X stehend, R체ckwandmontage PCB Jack M12X vertical, rear wall mounting
More results

Similar Description - MMT310

ManufacturerPart #DatasheetDescription
logo
Vaisala
HMD60 VAISALA-HMD60 Datasheet
490Kb / 3P
Humidity and Temperature Transmitters
HMS110 VAISALA-HMS110 Datasheet
324Kb / 2P
Humidity and Temperature Transmitters
HMW90 VAISALA-HMW90 Datasheet
232Kb / 3P
Humidity and Temperature Transmitters
HMDW80 VAISALA-HMDW80 Datasheet
762Kb / 4P
HMDW80 Series Humidity and Temperature Transmitters
HMT330 VAISALA-HMT330 Datasheet
2Mb / 10P
HMT330 Series Humidity and Temperature Transmitters
MMT162 VAISALA-MMT162 Datasheet
230Kb / 2P
MMT162 Moisture and Temperature Transmitter for Oil
MMT330 VAISALA-MMT330 Datasheet
3Mb / 5P
MMT330 Series Moisture and Temperature Transmitters for Oil
logo
E+E Elektronik Ges.m.b....
EE360 EPLUSE-EE360 Datasheet
1Mb / 11P
High-End Moisture in Oil Sensor
09-2023
EE364 EPLUSE-EE364 Datasheet
986Kb / 9P
Moisture in Oil Sensor
01-2024
EE381 EPLUSE-EE381 Datasheet
2Mb / 8P
Moisture in Oil Sensor
08-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com