Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RC-3MTS-50 Datasheet(PDF) 2 Page - Mini-Circuits

Part # RC-3MTS-50
Description  Millimeter Wave Switch Matrix
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RC-3MTS-50 Datasheet(HTML) 2 Page - Mini-Circuits

  RC-3MTS-50 Datasheet HTML 1Page - Mini-Circuits RC-3MTS-50 Datasheet HTML 2Page - Mini-Circuits RC-3MTS-50 Datasheet HTML 3Page - Mini-Circuits RC-3MTS-50 Datasheet HTML 4Page - Mini-Circuits RC-3MTS-50 Datasheet HTML 5Page - Mini-Circuits RC-3MTS-50 Datasheet HTML 6Page - Mini-Circuits RC-3MTS-50 Datasheet HTML 7Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Millimeter Wave Switch Matrix
USB & ETHERNET CONTROLLED
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 2 OF 7
RC-3MTS-50
50Ω
DC to 50 GHz
ELECTRICAL SPECIFICATIONS AT 25°C
MAXIMUM RATINGS
Parameters
Ratings
Operating Temperature
0°C to 40°C
Storage Temperature
-15°C to 85°C
Supply Voltage
26V
ELECTRICAL SPECIFICATIONS AT 25°C
Parameter
Conditions
Min.
Typ.
Max.
Units
Frequency Range
DC
50
GHz
Insertion Loss
DC – 12 GHz
0.15
0.40
dB
12 – 26 GHz
0.25
0.70
26 – 40 GHz
0.50
0.80
40 – 50 GHz
0.80
1.10
Isolation
DC – 12 GHz
60
85
dB
12 – 26 GHz
55
80
26 – 40 GHz
50
72
40 – 50 GHz
50
65
Return Loss
DC – 12 GHz
19
dB
12 – 26 GHz
17
26 – 40 GHz
14
40 – 50 GHz
11
RF Input Power
(Cold Switching)1
DC – 12 GHz
20
W
12 – 26 GHz
10
26 – 40 GHz
5
40 – 50 GHz
3
Switching Time
25
ms
Switch Lifetime (per Switch)
Up to 100 mW hot switching1
2
million cycles
Rated Voltage
24VDC input
23
24
25
V
USB port
5
Rated Current (24V DC Input)
All switches in state 2
530
mA
All switches in state 1
90
120
Rated Current (USB)
10
20
mA
1.  Hot switching above this level will degrade the switch lifetime



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com