Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P90CE201AEB Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P90CE201AEB
Description  16-bit microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CE201AEB Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P90CE201AEB Datasheet HTML 9Page - NXP Semiconductors P90CE201AEB Datasheet HTML 10Page - NXP Semiconductors P90CE201AEB Datasheet HTML 11Page - NXP Semiconductors P90CE201AEB Datasheet HTML 12Page - NXP Semiconductors P90CE201AEB Datasheet HTML 13Page - NXP Semiconductors P90CE201AEB Datasheet HTML 14Page - NXP Semiconductors P90CE201AEB Datasheet HTML 15Page - NXP Semiconductors P90CE201AEB Datasheet HTML 16Page - NXP Semiconductors P90CE201AEB Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
August 1993
13
Philips Semiconductors
Product specification
16-bit microcontroller
P90CE201
5.4.2
MULTIPLE EXCEPTIONS
As two or more exceptions can occur simultaneously,
exceptions are grouped in order of priority; as is shown in
Table 3.
5.4.3
INSTRUCTION TRAPS
Traps are exceptions caused by instructions arising either
from CPU recognition of abnormal conditions during
instruction execution or from instructions whose normal
behaviour is to cause traps.
Some instructions are used specifically to generate traps.
The TRAP instruction always forces an exception, and is
useful for implementing system calls for user programs.
The TRAPV and CHK instructions force an exception if the
user program detects a run-time error, possibly an
arithmetic overflow or a subscript out of bounds. The
signed divide (DIVS) and unsigned divide (DIVU)
instructions will force an exception if a divide-by-zero
operation is attempted.
5.4.4
ILLEGAL AND UNIMPLEMENTED INSTRUCTIONS
Illegal instruction is the term used to refer to any word that
is not the first word of a legal instruction. During instruction
execution, if such an instruction is fetched, an illegal
instruction exception occurs. Words with bits 15 to 12
equal to 1010 or 1111 are defined as unimplemented
instructions and separate exception vectors are allocated
to these patterns for efficient emulation. This facility allows
the operating system to detect program errors, or to
emulate unimplemented instructions in software.
5.4.5
PRIVILEGE VIOLATIONS
To provide system security, various instructions are
privileged and any attempt to execute one of the privileged
and any attempt to execute one of the privileged
instructions while the CPU is in the user state causes an
exception. The privileged instructions are:
• STOP
• RESET
• RTE
• MOVE TO SR
• AND (word) immediate to SR
• EOR (word) immediate to SR
• OR (word) immediate to SR
• MOVE USP.
5.4.6
TRACING
The CPU includes a facility to trace instructions one by one
to assist in program development. In the trace state, after
each instruction is executed, an exception is forced so that
a debugging program can monitor execution of the
program under test.
The trace facility uses the T-bit in the supervisor part of the
Status Register. If the T-bit is cleared, tracing is disabled
and instructions execute normally. If the T-bit is set at the
beginning of the execution of an instruction, a trace
exception will be generated after that instruction is
executed. If the instruction is not executed, either because
of an interrupt, or because the instruction is illegal or
privileged, the trace exception does not occur. Also, the
trace exception does not occur if the instruction is aborted
by a reset, bus error, or address error exception. If the
instruction is executed and an interrupt is pending, the
trace exception is processed before the interrupt. If the
execution of an instruction forces an exception, the forced
exception is processed before the trace exception.
As an extreme illustration of the above rules, consider the
arrival of an interrupt during the execution of a TRAP
instruction while tracing is enabled. First the trap exception
is processed, then the trace exception, and finally the
interrupt is processed. Instruction execution resumes in
the interrupt handling routine.
Table 3
Exception grouping and priority.
GROUP
EXCEPTION
PROCESSING
0
RESET, ADDRESS ERROR
BUS ERROR
Exception processing begins at the next machine cycle.
1
TRACE, INTERRUPT,
ILLEGAL, PRIVILEGE
Exception processing begins before the next instruction.
2
TRAP, TRAPV, CHK, ZERO,
DIVIDE, FORMAT ERROR
Exception processing is started through normal instruction
execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com