Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P83C528EBA Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P83C528EBA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528EBA Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P83C528EBA Datasheet HTML 8Page - NXP Semiconductors P83C528EBA Datasheet HTML 9Page - NXP Semiconductors P83C528EBA Datasheet HTML 10Page - NXP Semiconductors P83C528EBA Datasheet HTML 11Page - NXP Semiconductors P83C528EBA Datasheet HTML 12Page - NXP Semiconductors P83C528EBA Datasheet HTML 13Page - NXP Semiconductors P83C528EBA Datasheet HTML 14Page - NXP Semiconductors P83C528EBA Datasheet HTML 15Page - NXP Semiconductors P83C528EBA Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
1997 Dec 15
12
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
Note
1. To avoid a 'latch-up' effect at power-on, the voltage on any pin (at any time) must not be higher than VDD +0.5 V or
lower than VSS −0.5 V respectively.
XTAL1
19
21
15
Crystal input 1: input to the inverting amplifier that forms the
oscillator, and input to the internal clock generator. Receives the
external oscillator clock signal when an external oscillator is used
(see Figures 22 and 23).
VSS
20
22
16
Ground: circuit ground potential.
P2.0-P2.7
21
−28
24
−31
(23 n.c.)
18
−25
(17 n.c.)
Port 2: 8-bit quasi-bidirectional I/O Port with internal pull-ups.
During access to external memories (RAM/ROM) that use 16-bit
addresses (MOVX @DPTR) Port 2 emits the high-order address
byte (A8 to A15). Port 2 can sink/source one TTL (= 4 LSTTL)
input. It can drive CMOS inputs without external pull-ups.
PSEN
29
32
26
Program Store Enable output: read strobe to the external
program memory via Port 0 and Port 2. It is activated twice each
machine cycle during fetches from external program memory.
When executing out of external program memory two activations of
PSEN are skipped during each access to external data memory.
PSEN is not activated (remains HIGH) during no fetches from
external program memory. PSEN can sink/source 8 LSTTL inputs.
It can drive CMOS inputs without external pull-ups.
ALE
30
33
27
Address Latch Enable output: latches the LOW byte of the
address during access to external memory in normal operation. It
is activated every six oscillator periods except during an external
data memory access. ALE can sink/source 8 LSTTL inputs. It can
drive CMOS inputs without an external pull-up.
EA
31
35
(34 n.c.)
29
(28 n.c.)
External Access input: when during RESET, EA is held at a TTL
HIGH level, the CPU executes out of the internal program ROM,
provided the program counter is less than 32768. When EA is held
at a TTL LOW level during RESET, the CPU executes out of
external program memory via Port 0 and Port 2. EA is not allowed
to float.
P0.0-P0.7
32
−39
36
−43
30
−37
Port 0: 8-bit open drain bidirectional I/O Port. It is also the
multiplexed low-order address and data bus during accesses to
external memory (AD0 to AD7). During these accesses internal
pull-ups are activated. Port 0 can sink/source 8 LSTTL inputs.
VDD
40
44
38
Power supply: +5 V power supply pin during normal operation,
Idle mode and Power-down mode.
SYMBOL
PIN
DESCRIPTION
SOT 129-1 SOT 187-2 SOT 307-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com